Electronic Components Datasheet Search
  English  ▼

X  

78L05AC Datasheet(PDF) 3 Page - Silicon Supplies

Part # 78L05AC
Description  Positive Fixed 5V Voltage Regulator in bare die form
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SS [Silicon Supplies]
Direct Link  https://siliconsupplies.com/
Logo SS - Silicon Supplies

78L05AC Datasheet(HTML) 3 Page - Silicon Supplies

  78L05AC Datasheet HTML 1Page - Silicon Supplies 78L05AC Datasheet HTML 2Page - Silicon Supplies 78L05AC Datasheet HTML 3Page - Silicon Supplies 78L05AC Datasheet HTML 4Page - Silicon Supplies  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Absolute Maximum Ratings
PARAMETER
SYMBOL
VALUE
Linear Voltage Regulator – 78L05AC
Rev 1.0
06/07/22
UNIT
Input Voltage
VIN
30
V
Power Dissipation
1
PD
620
mW
Operating Temperature Range
-
-55 to 125
°C
Maximum Junction Temperature
TJ
150
°C
Storage Temperature
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
TJ = 25°C, 1mA ≤ IO ≤ 70mA
4.80
5.00
5.20
1mA ≤ IOUT ≤ 40mA, 7V ≤ VIN ≤ 20V
4.75
5.00
5.25
Output Voltage
VOUT
1mA ≤ IOUT ≤ 70mA, VIN = 10V
4.75
5.00
5.25
V
7V ≤ VIN ≤ 20V, TJ = 25°C, lO=40mA
-
13
135
Line Regulation
ΔVOUT
8V ≤ VIN ≤ 20V, TJ = 25°C, lO=40mA
-
9
90
1mA ≤ IOUT ≤ 100mA, TJ = 25°C
-
15
54
Load Regulation
ΔVOUT
1mA ≤ IOUT ≤ 40mA, TJ = 25°C
-
8
28
mV
TJ = 25°C
-
1.9
5.0
Input Bias Current
IB
TJ = 125°C
-
1.8
4.5
mA
8V ≤ VIN ≤ 20V
-
-
1.3
Input Bias Current
Change
ΔIB
1mA ≤ IOUT ≤ 40mA
-
-
0.09
mA
Output Noise
Voltage
eN
10Hz ≤ f ≤ 100KHz, TA = 25°C
-
42
-
µVRMS
Ripple Rejection
RR
f = 120Hz, 8V ≤ VIN ≤ 18V, TJ = 25°C
43
64
-
dB
Dropout Voltage
VD
VIN – VOUT
-
1.7
-
V
TSTG
-65 to 150
°C
1. Value measured in TO-92 package applicable only for DC power dissipation permitted by absolute maximum ratings. Results in
die form are dependent on die attach and assembly method.
PARAMETER
SYMBOL
MIN
MAX
UNIT
Input Voltage
VIN
7
20
V
Output Current
IOUT
-
100
mA
Operating Temperature Range
TJ
-55
125
°C
Recommened Operating Conditions
DC Electrical Characteristics, V
l =10V, lOUT=40mA,CI=0.33µF, CO=0.1µf, 0°C<TJ<+125°C(unless noted otherwise)
Page 3 of 4
www.siliconsupplies.com



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com