Electronic Components Datasheet Search
  English  ▼

X  

SS24 Datasheet(PDF) 3 Page - ON Semiconductor

Part # SS24
Description  Surface Mount Schottky Power Rectifier
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

SS24 Datasheet(HTML) 3 Page - ON Semiconductor

  SS24 Datasheet HTML 1Page - ON Semiconductor SS24 Datasheet HTML 2Page - ON Semiconductor SS24 Datasheet HTML 3Page - ON Semiconductor SS24 Datasheet HTML 4Page - ON Semiconductor SS24 Datasheet HTML 5Page - ON Semiconductor SS24 Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
SS22, SS24
http://onsemi.com
3
Figure 1. Typical Forward Voltage
Figure 2. Maximum Forward Voltage
Figure 3. Typical Reverse Current
Figure 4. Maximum Reverse Current
Figure 5. Current Derating
Figure 6. Forward Power Dissipation
0.7
0.1
vF, INSTANTANEOUS FORWARD VOLTAGE (VOLTS)
10
1.0
40
0
VR, REVERSE VOLTAGE (VOLTS)
100E−3
10E−3
1.0E−3
100E−6
10E−6
1.0E−6
45
85
25
TL, LEAD TEMPERATURE (°C)
2.5
1.5
1.0
0.5
0
IO, AVERAGE FORWARD CURRENT (AMPS)
0.5
2.0
0
1.2
1.0
0.8
0.6
0.2
0
65
0.1
0.3
0.5
0.9
10
20
30
125
105
1.0
2.5
1.5
0.4
100
TJ = 125°C
100°C
25°C
−40 °C
0.7
0.1
VF, MAXIMUM INSTANTANEOUS FORWARD VOLTAGE (VOLTS)
10
1.0
0.1
0.3
0.5
0.9
100
TJ = 125°C
100°C
25°C
40
0
VR, REVERSE VOLTAGE (VOLTS)
100E−3
10E−3
1.0E−3
100E−6
10E−6
1.0E−6
10
20
30
2.0
FREQ = 20 kHz
TJ = 125°C
100°C
25°C
TJ = 125°C
100°C
25°C
dc
SQUARE WAVE
Ipk/Io = p
Ipk/Io = 5.0
Ipk/Io = 10
Ipk/Io = 20
dc
SQUARE WAVE
Ipk/Io = p
Ipk/Io = 5.0
Ipk/Io = 10
Ipk/Io = 20



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com