Electronic Components Datasheet Search
  English  ▼

X  

SS24 Datasheet(PDF) 4 Page - ON Semiconductor

Part # SS24
Description  Surface Mount Schottky Power Rectifier
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

SS24 Datasheet(HTML) 4 Page - ON Semiconductor

  SS24 Datasheet HTML 1Page - ON Semiconductor SS24 Datasheet HTML 2Page - ON Semiconductor SS24 Datasheet HTML 3Page - ON Semiconductor SS24 Datasheet HTML 4Page - ON Semiconductor SS24 Datasheet HTML 5Page - ON Semiconductor SS24 Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
SS22, SS24
http://onsemi.com
4
Figure 7. Capacitance
Figure 8. Typical Operating Temperature Derating*
Figure 9. Thermal Response — Junction to Case
Figure 10. Thermal Response — Junction to Ambient
30
0
VR, REVERSE VOLTAGE (VOLTS)
1000
100
10
VR, DC REVERSE VOLTAGE (VOLTS)
25
40
0
105
85
75
65
15
5.0
10
20
25
35
40
30
35
5.0
10
20
15
95
115
125
* Reverse power dissipation and the possibility of thermal runaway must be considered when operating this device under any re-
verse voltage conditions. Calculations of TJ therefore must include forward and reverse power effects. The allowable operating
TJ may be calculated from the equation:
TJ = TJmax − r(t)(Pf + Pr) where
r(t) = thermal impedance under given conditions,
Pf = forward power dissipation, and
Pr = reverse power dissipation
This graph displays the derated allowable TJ due to reverse bias under DC conditions only and is calculated as TJ = TJmax − r(t)Pr,
where r(t) = Rthja. For other power applications further calculations must be performed.
Rtja = 24°C/W
43°C/W
63°C/W
80°C/W
93°C/W
TJ = 25°C
0.1
0.00001
t, TIME (s)
1.0E+00
1.0E−01
1.0E−02
1.0E−03
1.0E−04
0.0001
0.001
0.01
1.0
10
100
1000
50%
20%
10%
5.0%
2.0%
1.0%
Rtjl(t) = Rtjl*r(t)
0.1
0.00001
t, TIME (s)
1.0E+00
1.0E−01
1.0E−02
1.0E−03
1.0E−04
0.0001
0.001
0.01
1.0
10
100
1000
50%
20%
10%
5.0%
2.0%
1.0%
Rtjl(t) = Rtjl*r(t)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com