Electronic Components Datasheet Search
  English  ▼

X  

LIS3L02AS4TR Datasheet(PDF) 7 Page - STMicroelectronics

Part # LIS3L02AS4TR
Description  MEMS INERTIAL SENSOR 3-Axis - ±2g/±6g LINEAR ACCELEROMETER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LIS3L02AS4TR Datasheet(HTML) 7 Page - STMicroelectronics

Back Button LIS3L02AS4TR Datasheet HTML 3Page - STMicroelectronics LIS3L02AS4TR Datasheet HTML 4Page - STMicroelectronics LIS3L02AS4TR Datasheet HTML 5Page - STMicroelectronics LIS3L02AS4TR Datasheet HTML 6Page - STMicroelectronics LIS3L02AS4TR Datasheet HTML 7Page - STMicroelectronics LIS3L02AS4TR Datasheet HTML 8Page - STMicroelectronics LIS3L02AS4TR Datasheet HTML 9Page - STMicroelectronics LIS3L02AS4TR Datasheet HTML 10Page - STMicroelectronics LIS3L02AS4TR Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
7/14
LIS3L02AS4
5
Application Hints
Figure 4. LIS3L02AS4 Electrical Connection
Power supply decoupling capacitors (100nF ceramic + 10
µF Al) should be placed as near as possible to
the device (common design practice).
The LIS3L02AS4 allows to band limit Voutx, Vouty and Voutz through the use of external capacitors. The
re-commended frequency range spans from DC up to 1.5 KHz. In particular, capacitors must be added at
output pins to implement low-pass filtering for antialiasing and noise reduction. The equation for the cut-
off frequency ( ) of the external filters is:
Taking in account that the internal filtering resistor (Rout) has a nominal value equal to
, the equa-
tion for the external filter cut-off frequency may be simplified as follows:
The tolerance of the internal resistor can vary typically of ±20% within its nominal value of 110k
Ω; thus the
cut-off frequency will vary accordingly. A minimum capacitance of 320 pF for Cload(x, y, z) is required in
any case.
Vout Z
100nF
Cload z
LIS3L02AS4
10
µF
Vdd
Vout X
GND
ST
GND
GND
Cload x
Cload y
(top view)
Optional
Optional
Vout Y
Optional
PD
Digital signals
DIRECTION OF THE
DETECTABLE
ACCELERATIONS
FS
Y
1
13
Z
X
GND
f
t
f
t
1
2
π R
out
C
load xyz
,,
()
⋅⋅
------------------------------------------------------------------------
=
110k
Ω
f
t
1.45
µF
C
load xy
z
,,
()
-------------------------------------- Hz
[]
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com