Electronic Components Datasheet Search
  English  ▼

X  

LIS3L02AS4TR Datasheet(PDF) 3 Page - STMicroelectronics

Part # LIS3L02AS4TR
Description  MEMS INERTIAL SENSOR 3-Axis - ±2g/±6g LINEAR ACCELEROMETER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LIS3L02AS4TR Datasheet(HTML) 3 Page - STMicroelectronics

  LIS3L02AS4TR Datasheet HTML 1Page - STMicroelectronics LIS3L02AS4TR Datasheet HTML 2Page - STMicroelectronics LIS3L02AS4TR Datasheet HTML 3Page - STMicroelectronics LIS3L02AS4TR Datasheet HTML 4Page - STMicroelectronics LIS3L02AS4TR Datasheet HTML 5Page - STMicroelectronics LIS3L02AS4TR Datasheet HTML 6Page - STMicroelectronics LIS3L02AS4TR Datasheet HTML 7Page - STMicroelectronics LIS3L02AS4TR Datasheet HTML 8Page - STMicroelectronics LIS3L02AS4TR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
3/14
LIS3L02AS4
Table 3. Mechanical Characteristics1
(Temperature range -40°C to +85°C). All the parameters are specified @ Vdd =3.3V, T=25°C unless oth-
erwise noted
Notes: 1. The product is factory calibrated at 3.3V. The device can be powered from 2.4V to 3.6V. Voff, So and Vt parameters will vary with
supply voltage.
2. Typical specifications are not guaranteed
3. Verified by wafer level test and measurement of initial offset and sensitivity
4. Zero-g level and sensitivity are essentially ratiometric to supply voltage
5. Guaranteed by design
6. Contribution to the measuring output of an inclination/acceleration along any perpendicular axis
7. “Self test output voltage change” is defined as Vout(Vst=Logic1)-Vout(Vst=Logic0)
8. “Self test output voltage change” varies cubically with supply voltage
9. When full-scale is set to
±6g, “self-test output voltage change” is one third of the specified value.
10.Minimum resonance frequency Fres=1.5KHz. Sensor bandwidth=1/(2*
π*110KΩ*Cload) with Cload>1nF.
Symbol
Parameter
Test Condition
Min.
Typ.2
Max.
Unit
Ar
Acceleration Range3
FS pin connected to GND
±1.8
±2.0
g
FS pin connected to Vdd
±5.4
±6.0
g
So
Sensitivity4
Full-scale = 2g
Vdd/5–10%
Vdd/5
Vdd/5+10%
V/g
Full-scale = 6g
Vdd/15–10%
Vdd/15
Vdd/15+10%
V/g
SoDr
Sensitivity Change Vs
Temperature
Delta from +25°C
±0.01
%/°C
Voff
Zero-g Level4
T = 25°C
Vdd/2-10%
Vdd/2
Vdd/2+10%
V
OffDr
Zero-g level Change
Vs Temperature
Delta from +25°C
±1.1
mg/°C
NL
Non Linearity5
Best fit straight line
Full-scale = 2g
X, Y axis
±0.3
±1.5
% FS
Best fit straight line;
Full-scale = 2g
Z axis
±0.6
±2% FS
CrossAx
Cross-Axis6
±2
±4%
An
Acceleration Noise
Density
Vdd=3.3V;
Full-scale = 2g
50
µg/
Vt
Self test Output
Voltage Change7,8,9
T = 25°C
Vdd=3.3V
Full-scale = 2g
X axis
-20
-50
-100
mV
T = 25°C
Vdd=3.3V
Full-scale = 2g
Y axis
20
50
100
mV
T = 25°C
Vdd=3.3V
Full-scale = 2g
Z axis
20
50
100
mV
Fres
Sensing Element
Resonance
Frequency10
all axes
1.5
KHz
Top
Operating
Temperature Range
-40
+85
°C
Wh
Product Weight
0.6
gram
Hz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com