Electronic Components Datasheet Search
  English  ▼

X  

U637256 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # U637256
Description  CapStore 32K x 8 nvSRAM
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

U637256 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  U637256 Datasheet HTML 1Page - List of Unclassifed Manufacturers U637256 Datasheet HTML 2Page - List of Unclassifed Manufacturers U637256 Datasheet HTML 3Page - List of Unclassifed Manufacturers U637256 Datasheet HTML 4Page - List of Unclassifed Manufacturers U637256 Datasheet HTML 5Page - List of Unclassifed Manufacturers U637256 Datasheet HTML 6Page - List of Unclassifed Manufacturers U637256 Datasheet HTML 7Page - List of Unclassifed Manufacturers U637256 Datasheet HTML 8Page - List of Unclassifed Manufacturers U637256 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
U637256
5
March 31, 2006
STK Control #ML0054
Rev 1.0
Read Cycle 1: Ai-controlled (during Read cycle: E = G = VIL, W = VIH)
f
Read Cycle 2: G-, E-controlled (during Read cycle: W = VIH)
g
No.
Switching Characteristics
Write Cycle
Symbol
Min.
Max.
Unit
Alt. #1
Alt. #2
IEC
12 Write Cycle Time
tAVAV
tAVAV
tcW
70
ns
13 Write Pulse Width
tWLWH
tw(W)
55
ns
14 Write Pulse Width Setup Time
tWLEH
tsu(W)
55
ns
15 Address Setup Time
tAVWL
tAVEL
tsu(A)
0ns
16 Address Valid to End of Write
tAVWH
tAVEH
tsu(A-WH)
55
ns
17 Chip Enable Setup Time
tELWH
tsu(E)
55
ns
18 Chip Enable to End of Write
tELEH
tw(E)
55
ns
19 Data Setup Time to End of Write
tDVWH
tDVEH
tsu(D)
30
ns
20 Data Hold Time after End of Write
tWHDX
tEHDX
th(D)
0ns
21 Address Hold after End of Write
tWHAX
tEHAX
th(A)
0ns
22 W LOW to Output in High-Zh, i
tWLQZ
tdis(W)
25
ns
23 W HIGH to Output in Low-Z
tWHQX
ten(W)
5ns
ta(A)
Previous Data Valid
Output Data Valid
tcR
Address Valid
tv(A)
Ai
DQi
Output
(1)
(2)
(9)
Ai
E
G
tdis(E)
tcR
ta(E)
ten(E)
ten(G)
ta(G)
tdis(G)
Address Valid
Output Data Valid
ICC
ACTIVE
STANDBY
tPD
tPU
(1)
(3)
(4)
(5)
(7)
(6)
(8)
(10)
(11)
ta(A) (2)
High Impedance
DQi
Output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com