Electronic Components Datasheet Search
  English  ▼

X  

L6399DTR Datasheet(PDF) 6 Page - STMicroelectronics

Part # L6399DTR
Description  High voltage high and low-side driver
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6399DTR Datasheet(HTML) 6 Page - STMicroelectronics

Back Button L6399DTR Datasheet HTML 2Page - STMicroelectronics L6399DTR Datasheet HTML 3Page - STMicroelectronics L6399DTR Datasheet HTML 4Page - STMicroelectronics L6399DTR Datasheet HTML 5Page - STMicroelectronics L6399DTR Datasheet HTML 6Page - STMicroelectronics L6399DTR Datasheet HTML 7Page - STMicroelectronics L6399DTR Datasheet HTML 8Page - STMicroelectronics L6399DTR Datasheet HTML 9Page - STMicroelectronics L6399DTR Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
Electrical characteristics
L6399
6/18
DocID030402 Rev 2
4
Electrical characteristics
4.1
AC operation
Table 5. AC operation electrical characteristics (VCC = 15 V; TJ = +25 °C)
Symbol
Pin
Parameter
Test condition
Min. Typ. Max. Unit
ton
1, 2
vs.
5, 7
High/low-side driver turn-on propagation
delay(1)
VOUT = 0 V
VBOOT = VCC
CL = 1 nF
VIN = 0 to 3.3 V 50
125
200
ns
toff
High/low side driver turn-off propagation
delay(1)
VIN = 3.3 to 0 V 50
125
200
ns
DT
-
Deadtime(2)
CL = 1 nF
-
225 320
415
ns
tr
5, 7
Rise time(1)
CL = 1 nF
-
-
75
120
ns
tf
Fall time(1)
CL = 1 nF
-
-
35
70
ns
1. See Figure 3
2. See Figure 4.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com