Electronic Components Datasheet Search
  English  ▼

X  

L6399DTR Datasheet(PDF) 7 Page - STMicroelectronics

Part # L6399DTR
Description  High voltage high and low-side driver
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6399DTR Datasheet(HTML) 7 Page - STMicroelectronics

Back Button L6399DTR Datasheet HTML 3Page - STMicroelectronics L6399DTR Datasheet HTML 4Page - STMicroelectronics L6399DTR Datasheet HTML 5Page - STMicroelectronics L6399DTR Datasheet HTML 6Page - STMicroelectronics L6399DTR Datasheet HTML 7Page - STMicroelectronics L6399DTR Datasheet HTML 8Page - STMicroelectronics L6399DTR Datasheet HTML 9Page - STMicroelectronics L6399DTR Datasheet HTML 10Page - STMicroelectronics L6399DTR Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
DocID030402 Rev 2
7/18
L6399
Electrical characteristics
18
4.2
DC operation
Table 6. DC operation electrical characteristics (VCC = 15 V; TJ = + 25 °C)
Symbol
Pin
Parameter
Test condition
Min.
Typ.
Max.
Unit
Low supply voltage section(1)
VCC_hys
3
VCC UV hysteresis
-
1.2
1.5
1.8
V
VCC_thON
VCC UV turn-ON threshold
-
9
9.5
10
V
VCC_thOFF
VCC UV turn-OFF threshold
-
7.6
8
8.4
V
IQCCU
Undervoltage quiescent supply
current
VCC = 7 V
LIN = HIN = GND
-
170
330
A
IQCC
Quiescent current
VCC = 15 V
LIN = HIN = GND
-
380
440
A
Bootstrapped supply voltage section(1)
VBO_hys
8
VBO UV hysteresis
-
0.8
1
1.2
V
VBO_thON
VBO UV turn-ON threshold
-
8.2
9
9.8
V
VBO_thOFF
VBO UV turn-OFF threshold
-
7.3
8
8.7
V
IQBOU
Undervoltage VBO quiescent
current
VBO = 7 V, LIN = GND;
HIN = 5 V
-
30
140
A
IQBO
VBO quiescent current
VBO = 15 V, LIN = GND;
HIN = 5 V
-
190
240
A
ILK
-
High voltage leakage current
Vhvg = VOUT = VBOOT =
600 V
--
10
A
RDS(on)
-
Bootstrap driver on resistance(2)
LVG ON
-
120
-
Driving buffers section
ISO
5, 7
High/low-side source short-circuit
current
VIN = Vih (tp < 10 s)
200
290
-
mA
ISI
High/low side sink short-circuit
current
VIN = Vil (tp < 10 s)
250
430
-
mA
Logic inputs
Vil
1, 2
Low level logic threshold voltage
-
0.8
-
1.1
V
Vih
High level logic threshold voltage
-
1.9
-
2.25
V
IINl
LIN/HIN logic “0” input bias current VIN = 0 V
-
-
1
A
IHINh
2
HIN High logic level input current
VIN = 15 V
110
175
260
A
RPD-HIN
HIN pull-down resistor
VIN = 15 V
57
85
137
k
ILINh
1
LIN High logic level input current
VIN = 15 V
10
40
100
A
RPD-LIN
LIN pull-down resistor
VIN = 15 V
150
375
1500
k
1. VBO = VBOOT - VOUT.
2. RDSON is tested in the following way: RDSON = [(VCC - VBOOT1) - (VCC - VBOOT2)] / [I1(VCC, VBOOT1) - I2(VCC, VBOOT2)]
where I1 is the pin 8 current when VBOOT = VBOOT1, I2 when VBOOT = VBOOT2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com