Electronic Components Datasheet Search
  English  ▼

X  

STPS5H100SFY Datasheet(PDF) 5 Page - STMicroelectronics

Part # STPS5H100SFY
Description  Automotive 100 V low Ir power Schottky rectifier
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS5H100SFY Datasheet(HTML) 5 Page - STMicroelectronics

  STPS5H100SFY Datasheet HTML 1Page - STMicroelectronics STPS5H100SFY Datasheet HTML 2Page - STMicroelectronics STPS5H100SFY Datasheet HTML 3Page - STMicroelectronics STPS5H100SFY Datasheet HTML 4Page - STMicroelectronics STPS5H100SFY Datasheet HTML 5Page - STMicroelectronics STPS5H100SFY Datasheet HTML 6Page - STMicroelectronics STPS5H100SFY Datasheet HTML 7Page - STMicroelectronics STPS5H100SFY Datasheet HTML 8Page - STMicroelectronics STPS5H100SFY Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
2
Package information
In order to meet environmental requirements, ST offers these devices in different grades of ECOPACK®
packages, depending on their level of environmental compliance. ECOPACK® specifications, grade definitions
and product status are available at: www.st.com. ECOPACK® is an ST trademark.
2.1
PSMC (TO-277A) package information
•
Epoxy meets UL94,V0
•
Cooling method : by conduction (C)
Figure 8. PSMC (TO-277A) package outline
STPS5H100SFY
Package information
DS12665 - Rev 2
page 5/11



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com