Electronic Components Datasheet Search
  English  ▼

X  

STPS5H100SFY Datasheet(PDF) 1 Page - STMicroelectronics

Part # STPS5H100SFY
Description  Automotive 100 V low Ir power Schottky rectifier
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS5H100SFY Datasheet(HTML) 1 Page - STMicroelectronics

  STPS5H100SFY Datasheet HTML 1Page - STMicroelectronics STPS5H100SFY Datasheet HTML 2Page - STMicroelectronics STPS5H100SFY Datasheet HTML 3Page - STMicroelectronics STPS5H100SFY Datasheet HTML 4Page - STMicroelectronics STPS5H100SFY Datasheet HTML 5Page - STMicroelectronics STPS5H100SFY Datasheet HTML 6Page - STMicroelectronics STPS5H100SFY Datasheet HTML 7Page - STMicroelectronics STPS5H100SFY Datasheet HTML 8Page - STMicroelectronics STPS5H100SFY Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
Features
•
AEC-Q101 qualified
•
Low leakage current
•
Negligible switching losses
•
Avalanche capability specified
•
175 °C maximum junction temperature
•
VRRM guaranteed from -40 °C to 175 °C
•
Wettable flanks for automatic visual inspection
•
PPAP capable
•
ECOPACK®2 compliant component
Application
•
DC/DC converters
•
Reverse polarity protection
•
Freewheeling diodes
•
Switching diodes
Description
The STPS5H100SFY power Schottky rectifier has been designed for automotive
applications.
Packaged in PSMC (TO-277A), this device provides a very low VF in a compact
package which can withstand high operating junction temperature.
Product status link
STPS5H100SFY
Product summary
Symbol
Value
IF(AV)
5 A
VRRM
100 V
Tj (max.)
175 °C
VF (typ.)
0.545 V
Automotive 100 V low Ir power Schottky rectifier
STPS5H100SFY
Datasheet
DS12665 - Rev 2 - November 2018
For further information contact your local STMicroelectronics sales office.
www.st.com


Similar Part No. - STPS5H100SFY

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPS5H100SF STMICROELECTRONICS-STPS5H100SF Datasheet
323Kb / 9P
100 V power Schottky rectifier
July 2018 Rev 1
More results

Similar Description - STPS5H100SFY

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPS3H100UFNY STMICROELECTRONICS-STPS3H100UFNY Datasheet
206Kb / 9P
Automotive 100 V, 3 A power Schottky rectifier
Rev 1 - January 2020
STPS5S100SFY STMICROELECTRONICS-STPS5S100SFY Datasheet
317Kb / 9P
Automotive 100 V, 5 A low Ir power Schottky rectifier
Rev 1 - December 2020
STPS5L60SFY STMICROELECTRONICS-STPS5L60SFY Datasheet
474Kb / 11P
Automotive 60 V low VF power Schottky rectifier
14-Aug-2018
STPS61H100-Y STMICROELECTRONICS-STPS61H100-Y Datasheet
208Kb / 9P
Automotive 100 V low drop power Schottky rectifier
11-Jul-2019
STPS80H100C-Y STMICROELECTRONICS-STPS80H100C-Y Datasheet
202Kb / 9P
Automotive 100 V, dual 40 A low voltage drop power Schottky rectifier
23-Aug-2021
STPS10H60SFY STMICROELECTRONICS-STPS10H60SFY Datasheet
473Kb / 11P
Automotive 60 V low Ir power Schottky rectifier
06-Aug-2018
STPST1H100-Y STMICROELECTRONICS-STPST1H100-Y Datasheet
447Kb / 12P
Automotive 100 V - 1 A power Schottky trench rectifier
16-Dec-2022
STPST2H100-Y STMICROELECTRONICS-STPST2H100-Y Datasheet
449Kb / 12P
Automotive 100 V - 2 A power Schottky trench rectifier
16-Dec-2022
STPST5H100-Y STMICROELECTRONICS-STPST5H100-Y Datasheet
592Kb / 12P
Automotive 100 V - 5 A power Schottky trench rectifier
02-Jan-2023
STPST8H100-Y STMICROELECTRONICS-STPST8H100-Y Datasheet
497Kb / 9P
Automotive 100 V - 8 A power Schottky trench rectifier
02-Jan-2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com