Electronic Components Datasheet Search
  English  ▼

X  

STPS61H100-Y Datasheet(PDF) 1 Page - STMicroelectronics

Part # STPS61H100-Y
Description  Automotive 100 V low drop power Schottky rectifier
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS61H100-Y Datasheet(HTML) 1 Page - STMicroelectronics

  STPS61H100-Y Datasheet HTML 1Page - STMicroelectronics STPS61H100-Y Datasheet HTML 2Page - STMicroelectronics STPS61H100-Y Datasheet HTML 3Page - STMicroelectronics STPS61H100-Y Datasheet HTML 4Page - STMicroelectronics STPS61H100-Y Datasheet HTML 5Page - STMicroelectronics STPS61H100-Y Datasheet HTML 6Page - STMicroelectronics STPS61H100-Y Datasheet HTML 7Page - STMicroelectronics STPS61H100-Y Datasheet HTML 8Page - STMicroelectronics STPS61H100-Y Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
A1
K
A2
TO-247
A1
K
A2
Features
•
AEC-Q101 qualified
•
PPAP capable
•
Negligible switching losses
•
High junction temperature capability
•
Low leakage current
•
Good trade-off between leakage current and forward voltage drop
•
Avalanche capability specified
•
Low thermal resistance
Application
•
DC/DC converters
•
Freewheeling diodes
•
Electrical vehicles (EV) and hybrid electrical vehicles
Description
The STPS61H100-Y is a dual center tap Schottky rectifier designed for high
frequency switched mode power supplies such as on board DC/DC converters for
automotive applications.
Product status link
STPS61H100-Y
Product summary
IF(AV)
2 x 30 A
VRRM
100 V
Tj(max.)
175 °C
VF(typ.)
0.63 V
Automotive 100 V low drop power Schottky rectifier
STPS61H100-Y
Datasheet
DS13064 - Rev 1 - July 2019
For further information contact your local STMicroelectronics sales office.
www.st.com


Similar Part No. - STPS61H100-Y

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPS61H100C STMICROELECTRONICS-STPS61H100C Datasheet
152Kb / 7P
High voltage power Schottky rectifier
12-Mar-2012
STPS61H100CW STMICROELECTRONICS-STPS61H100CW Datasheet
43Kb / 4P
HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
Oct-2003
STPS61H100CW STMICROELECTRONICS-STPS61H100CW Datasheet
152Kb / 7P
High voltage power Schottky rectifier
12-Mar-2012
logo
Inchange Semiconductor ...
STPS61H100CW ISC-STPS61H100CW Datasheet
401Kb / 2P
Schottky Barrier Rectifier
More results

Similar Description - STPS61H100-Y

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPS1L40-Y STMICROELECTRONICS-STPS1L40-Y Datasheet
113Kb / 9P
Automotive low drop power Schottky rectifier
21-Oct-2011
STPS41H100C-Y STMICROELECTRONICS-STPS41H100C-Y Datasheet
109Kb / 7P
Automotive low drop power Schottky rectifier
21-Oct-2011
STPS1L40AY STMICROELECTRONICS-STPS1L40AY Datasheet
113Kb / 9P
Automotive low drop power Schottky rectifier
21-Oct-2011
STPS15L45C-Y STMICROELECTRONICS-STPS15L45C-Y Datasheet
218Kb / 8P
Automotive low drop power Schottky rectifier
07-Jul-2015
STPS1L60-Y STMICROELECTRONICS-STPS1L60-Y Datasheet
308Kb / 8P
Automotive low drop power Schottky rectifier
17-Oct-2016
STPS2L40ZFY STMICROELECTRONICS-STPS2L40ZFY Datasheet
308Kb / 8P
Automotive low drop power Schottky rectifier
13-Oct-2016
STPS2L60ZFY STMICROELECTRONICS-STPS2L60ZFY Datasheet
308Kb / 8P
Automotive low drop power Schottky rectifier
17-Oct-2016
STPS8L30-Y STMICROELECTRONICS-STPS8L30-Y Datasheet
130Kb / 8P
Automotive low drop power Schottky rectifier
11-Jul-2013
STPS5H100SFY STMICROELECTRONICS-STPS5H100SFY Datasheet
473Kb / 11P
Automotive 100 V low Ir power Schottky rectifier
November 2018 Rev 2
STPS80H100C-Y STMICROELECTRONICS-STPS80H100C-Y Datasheet
202Kb / 9P
Automotive 100 V, dual 40 A low voltage drop power Schottky rectifier
23-Aug-2021
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com