Electronic Components Datasheet Search
  English  ▼

X  

CD8227GP Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # CD8227GP
Description  LOW FREQUENCY POWER AMPLIFIER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

CD8227GP Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  CD8227GP Datasheet HTML 1Page - List of Unclassifed Manufacturers CD8227GP Datasheet HTML 2Page - List of Unclassifed Manufacturers CD8227GP Datasheet HTML 3Page - List of Unclassifed Manufacturers CD8227GP Datasheet HTML 4Page - List of Unclassifed Manufacturers CD8227GP Datasheet HTML 5Page - List of Unclassifed Manufacturers CD8227GP Datasheet HTML 6Page - List of Unclassifed Manufacturers CD8227GP Datasheet HTML 7Page - List of Unclassifed Manufacturers CD8227GP Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
SUM
CD8227GP
SUM
2/8
MAXIMUM RATINGS (Ta=25°C)
CHARACTERISTIC
SYMBOL
RATING
UNIT
Output
Current (Peak/CH)
IQ(peak)
1.50
A
Power Dissipation*
PD
3.00
W
Operating Temperature
Topr
-25~75
°
C
Storage Temperature
Tstg
-55~150
°
C
* Value for mounting on PC board(Refer to PD-Ta curve)
ELECTRI CAL CH ARACTERISTICS
(Unless otherwise specified , Vcc=9V,f=1kHz, Rg=600Ω, RL=4Ω,Ta=25°C)
CHARACTERISTIC
SYMBOL
TEST CONDITION MIN. TYP. MAX. UNIT
Quiescent Current
ICCQ
VIN=0
-
21
45
mA
POUT(1)
THD=10%
2.0
2.5
-
Output Power
POUT(2)
THD=10%, RL=3Ω
-
3.0
-
W
Total Harmonic Distortion
THD
POUT=0.4W/CH
-
0.2
1.0
%
GV(1)
Rf=120Ω
VOUT=0dBm
43
45
47
Voltage Gain
GV(2)
Rf=0,VOUT=0dBm
-
56.5
-
dB
Input Resistance
RIN
-
-
30
-
k Ω
Output Noise Voltage
VNO
Rg=10kΩ ,
BW=20Hz~20kHz
-
0.3
1.0
mVrms
Ripple Rejection Ratio
R.R
Rg=600Ω ,
fripple =100Hz
-
-52
-
dB
Cross Talk
C.T
Rg=600Ω ,
VOUT=0dBm,
-
-50
-
dB
Input Offset Voltage
V6,V7
-
-
30
60
mV
Stand-By Current
Istb
SW1-OFF
1
μ
A
TYPI CAL DC VOLTAGE OF EACH TERMINAL (Vcc=9V, Ta=25°C)
TERMINAL NO.
1
2
3
4
5
6
7
8
9
10
11
12
DC VOLTAGE (V)
Vcc 4.5
8.7 GND 0.7 0.03 0.03 0.7
5.0 8.7
4.5 Vcc



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com