Electronic Components Datasheet Search
  English  ▼

X  

CD8227GP Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # CD8227GP
Description  LOW FREQUENCY POWER AMPLIFIER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

CD8227GP Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  CD8227GP Datasheet HTML 1Page - List of Unclassifed Manufacturers CD8227GP Datasheet HTML 2Page - List of Unclassifed Manufacturers CD8227GP Datasheet HTML 3Page - List of Unclassifed Manufacturers CD8227GP Datasheet HTML 4Page - List of Unclassifed Manufacturers CD8227GP Datasheet HTML 5Page - List of Unclassifed Manufacturers CD8227GP Datasheet HTML 6Page - List of Unclassifed Manufacturers CD8227GP Datasheet HTML 7Page - List of Unclassifed Manufacturers CD8227GP Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
SUM
1/8
LOW FREQUENCY POWER AMPLIFIER
GENERAL DESCRIPTION
Outline Drawing
CD8227GP is audio power IC with built-in
two Channels developed for portable radio
cassette tape recorder with power ON/OFF
switch.
Thermal
shut
down
protection
circuit is built in. Because of the parts
reduction and DIP (Dual in line package),
space merit is remarkable.
FEATURES
High
Power
Pout=2.5W/CH(Typ.)
:(Vcc=9V,RL=4Ω,f=1kHz,THD=10%)
Pout=3.0W/CH(Typ.)
:(Vcc=9V,RL=3Ω,f=1kHz,THD=10%)
Voltage Gain:
Gv=45dB(Typ.)( Rf=120Ω ,f=1kHz)
Gv=56.5dB(Typ.)( Rf=0Ω ,f=1kHz
Low popping noise at power ON
Small Quiescent Current : ICCQ=21mA(Typ.)
(Vcc=9V Vin=0)
Ripple Rejection Ratio : R.R.=-52dB(Typ.)(Vcc=9V, fripple=100Hz, Rg=600Ω )
Cross Talk : C.T.= -50dB(Typ.)(Vcc=9V, f=1kHz, Rg=600Ω )
Output
Noise
Voltage
:
Vno=0.3mVrms(Typ.)(Vcc=9V , Rg=10k Ω,
BW=20Hz~20kHz)
Stand-By Switch
Soft Clip
Built-in thermal shut down protection circuit
Best for supply voltage 9V
Supply voltage range : Vcc=5~12V
SUM
CD8227GP


Similar Part No. - CD8227GP

ManufacturerPart #DatasheetDescription
logo
Compensated Deuices Inc...
CD821 CDI-DIODE-CD821 Datasheet
78Kb / 2P
MONOLITHIC TEMPERATURE COMPENSATED ZENER REFERENCE CHIPS
logo
Microsemi Corporation
CD821 MICROSEMI-CD821 Datasheet
287Kb / 2P
MONOLITHIC TEMPERATURE COMPENSATED ZENER REFERENCE CHIPS
logo
Compensated Deuices Inc...
CD821A CDI-DIODE-CD821A Datasheet
78Kb / 2P
MONOLITHIC TEMPERATURE COMPENSATED ZENER REFERENCE CHIPS
logo
Microsemi Corporation
CD821A MICROSEMI-CD821A Datasheet
287Kb / 2P
MONOLITHIC TEMPERATURE COMPENSATED ZENER REFERENCE CHIPS
logo
Compensated Deuices Inc...
CD823 CDI-DIODE-CD823 Datasheet
78Kb / 2P
MONOLITHIC TEMPERATURE COMPENSATED ZENER REFERENCE CHIPS
More results

Similar Description - CD8227GP

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
2SJ48 HITACHI-2SJ48 Datasheet
192Kb / 3P
LOW FREQUENCY POWER AMPLIFIER
2SB856 HITACHI-2SB856 Datasheet
323Kb / 2P
LOW FREQUENCY POWER AMPLIFIER
2SB1401 HITACHI-2SB1401 Datasheet
34Kb / 5P
Low frequency power amplifier
logo
Fairchild Semiconductor
KSC3488 FAIRCHILD-KSC3488 Datasheet
39Kb / 4P
Low Frequency Power Amplifier
logo
Unisonic Technologies
TA8229 UTC-TA8229 Datasheet
180Kb / 9P
LOW FREQUENCY POWER AMPLIFIER
logo
Fairchild Semiconductor
KSA1182 FAIRCHILD-KSA1182 Datasheet
58Kb / 4P
Low Frequency Power Amplifier
logo
Unisonic Technologies
UA1029 UTC-UA1029 Datasheet
131Kb / 7P
LOW FREQUENCY POWER AMPLIFIER
UA8229 UTC-UA8229_10 Datasheet
269Kb / 9P
LOW FREQUENCY POWER AMPLIFIER
logo
Fairchild Semiconductor
KSD880Y FAIRCHILD-KSD880Y Datasheet
64Kb / 4P
Low Frequency Power Amplifier
KSD2058YTU FAIRCHILD-KSD2058YTU Datasheet
51Kb / 4P
Low Frequency Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com