Electronic Components Datasheet Search
  English  ▼

X  

MP808 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # MP808
Description  Kool-Pak Power Film Resistors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

MP808 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  MP808 Datasheet HTML 1Page - List of Unclassifed Manufacturers MP808 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RHOPOINT COMPONENTS LTD.
Holland Road
Hurst Green
Oxted, Surrey, RH8 9AX
Tel: +44 (0)1883 717988
Tel: +44 (0)1883 717988
Email: components@rhopoint.co.uk
Website: www.rhopoint.co.uk/components/
© 1999 Caddock Electronics, Inc.
CAD
K
DOC
IL-103.019
TYPICAL TEMPERATURE COEFFICIENT CURVE
(5
Ω and above)
*
25
100
150
CASE TEMPERATURE, C
0
20
40
100
80
60
o
DERATING CURVE
Temperature Coefficient:
TC referenced to +25
°C, ∆R taken at +150°C
5.00 ohms and above, -20 to +50 ppm/
°C
0.50 ohm to 4.99 ohms, -20 to +80 ppm/
°C
0.050 ohm to 0.49 ohm, 0 to +200 ppm/
°C
0.020 ohm to 0.049 ohm, 0 to +300 ppm/
°C
The case temperature is to be used for purposes of establishing the
maximum applied power. See Derating Curve. The case temperature
measurement is made with the thermocouple contacting the bottom
insulated mounting surface of the package (center of bottom surface), the
device mounted on a heat sink, thermal grease applied at a mounting
torque of up to 8 in-lbs (0.90 N-m) maximum. Without a heat sink, when
in free air at +25
°C, the MP808 and the MP825 are rated for 1.25 watts,
the MP816 and the MP850 are rated for 2.25 watts.
Derating ( thermal resistance ) for each model is as follows:
MP808: 0.064 W/
°C ( 15.63°C/W )
MP816: 0.128 W/
°C ( 7.81°C/W )
MP825: 0.200 W/
°C ( 5.00°C/W )
MP850: 0.400 W/
°C ( 2.50°C/W )
Mounting Note: The MP Kool-Pak® Resistors must be mounted using a
screw and compression washer mounting technique. This will provide
sufficient pressure on the package over time and through large
temperature variations to maintain the maximum power
dissipation
capability. Mounting torque to avoid package damage is 8 in-lbs (0.90 N-m).
1
0
1
55
25
100
150
CASE TEMPERATURE, C
o
Integral Metal Mounting Surface
in Molded Package
0.20
Ω
10.0 K
300
1,500
Figure 2
TO-220 Style
50 Watts
*
MP 850
Integral Metal Mounting Surface
in Molded Package
0.020
Ω
10.0 K
300
1,500
Figure 1
TO-126 Style
25 Watts
*
MP 825
Model
No.
Power
Rating
Dielect. Strength
VRMS AC
Min.
Max.
Terminal
Resistance
Max.
Voltage
Package
Dimensions
Comments
*
MP 808
8 Watts
1,500
0.020
Ω
10.0 K
Solderable
300
TO-126 Style
Figure 1
All Molded Package
0.10
Ω
10.0 K
300
1,500
Figure 2
TO-220 Style
16 Watts
*
MP 816
All Molded Package
Solderable
Solderable
Solderable
MP816 - 50.0 - 1%
Model Number:
Resistor Value:
Tolerance
Ordering Information:
DIMENSIONS IN INCHES AND (MILLIMETERS)
.640
±.010
(16.26
±.26)
.030
±.004
(.76
± .10)
.025
± .004
(.64
±.10)
.200
±.010
(5.08
±.26)
.500
±.050
(12.70
±1.27)
.130
±.030
(3.30
±.76)
.125
±.010
(3.18
±.26)
.410
±.010
(10.41
±.26)
MP 850
10.0
1%
.125
±.010
(3.18
±.26)
.125
±.004
(3.18
±.10) DIA.
C
L
.053
± .007
(1.35
± .18)
.070
±.010
(1.78
±.26)
+
.030
±.004
(.76
± .10)
.023
± .004
(.58
±.10)
.200
±.010
(5.08
±.26)
.450
±.050
(11.43
±1.27)
.115
±.010
(2.92
±.26)
MP 808
0.10
1%
.110
±.010
(2.79
±.26)
.053
± .007
(1.35
± .18)
.058
±.007
(1.47
±.18)
.320
±.010
(8.12
±.26)
.094
±.004
(2.39
±.10) DIA.
C
L
.440
±.010
(11.18
±.26)
.080
±.020
(2.03
±.51)
Figure 1
TO-126 Style
MP808, MP825
Figure 2
TO-220 Style
MP816, MP850
Specifications:
ResistanceTolerance:
±1% for 0.050Ω up to10.0kΩ,
±5% for 0.020Ω up to 0.049Ω (0.5%, 2%,5%,10%
and 20% are available for most resistance values).
Insulation Resistance: 10,000 Megohms, min.
The resistor element is electrically isolated from
the mounting surface.
Terminal Strength:
Mil-Std-202, Method 211,
Cond. A (Pull Test) 5 lbs.
MP808, MP816, MP825:
∆R ±(0.2 percent + 0.001 ohm) max.
MP850:
∆R ±(0.2 percent + 0.01 ohm) max.
Thermal Shock: Mil-Std-202, Method 107, Cond. F.
MP808, MP816, MP825:
∆R ±(0.3 percent + 0.001 ohm) max.
MP850:
∆R ±(0.3 percent + 0.01 ohm) max.
Momentary Overload:
MP816 and MP850: 2 times rated power with
applied voltage not to exceed 1.5 times maximum
continuous operating voltage for 5 seconds.
MP816:
∆R ±(0.3 percent + 0.001 ohm) max.
MP850:
∆R ±(0.3 percent + 0.01 ohm) max.
MP808 and MP825: 1.5 times rated power with
applied voltage not to exceed 1.5 times maximum
continuous operating voltage for 5 seconds.
MP808, MP825:
∆R ±(0.3 percent + 0.001 ohm) max.
Moisture Resistance: Mil-Std-202, Method 106.
MP808, MP816, MP825:
∆R ±(0.5 percent + 0.001 ohm) max.
MP850:
∆R ±(0.5 percent + 0.01 ohm) max.
Load Life:
2,000 hours at rated power. Power
rating dependent upon case temperature. See
derating curve.
MP808, MP816, MP825:
∆R ±(1.0 percent + 0.001 ohm) max.
MP850:
∆R ±(1.0 percent + 0.01 ohm) max.
Shock: 100G, Mil-Std-202, Method 213, Cond. I.
MP808, MP816, MP825:
∆R ±(0.2 percent + 0.001 ohm) max.
MP850:
∆R ±(0.2 percent + 0.01 ohm) max.
Vibration, High Frequency:
Mil-Std-202,
Method 204, Cond. D.
MP808, MP816, MP825:
∆R ±(0.2 percent + 0.001 ohm) max.
MP850:
∆R ±(0.2 percent + 0.01 ohm) max.
Measurement Note:
For these specifications,
resistance measurement shall be made at a
point 0.2 inch (5.08 mm) from the resistor body.
MP808 / MP825 (TO-126 style) and MP816 / MP850 (TO-220 style)
Kool-Pak
® Power Film Resistors
Page 2 of 2



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com