Electronic Components Datasheet Search
  English  ▼

X  

MP808 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # MP808
Description  Kool-Pak Power Film Resistors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

MP808 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  MP808 Datasheet HTML 1Page - List of Unclassifed Manufacturers MP808 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
RHOPOINT COMPONENTS LTD.
Holland Road
Hurst Green
Oxted, Surrey, RH8 9AX
Tel: +44 (0)1883 717988
Fax: +44 (0)1883 712938
Email: components@rhopoint.co.uk
Website: www.rhopoint.co.uk/components/
© 1999 Caddock Electronics, Inc.
CAD
K
DOC
IL-103.039
TO-126 and TO-220 Style Power Packages - Non-Inductive Designs
MP808 / MP825 (TO-126 style) and MP816 / MP850 (TO-220 style)
Kool-Pak
® Power Film Resistors
Use your thermal design experience with power semiconductors in the TO-220 and TO-126 style power package. This
experience will help you get the most out of this unique family of power resistors. The thermal design issues are the
same where power handling capability is based on the case temperature which is maintained in your design.
Page 1 of 2
Construction of MP808 and MP816:
MP 816 Kool-Pak® Power Resistors
TO-220 Style Power Package
MP808 and MP816 with an All Molded Package Configuration
MP 808 Kool-Pak® Power Resistors
TO -126 Style Power Package
8 Watts at +25
°C CaseTemperature
derated to zero at +150
°C
Thermally Conductive Molded Package
Lower Cost
Resistance Range of 0.020 ohm to 10.0K
Resistor element is electrically isolated from
the mounting surface
•
•
•
•
•
16 Watts at +25
°C CaseTemperature
derated to zero at +150
°C
Thermally Conductive Molded Package
Lower Cost
Resistance Range of 0.10 ohm to 10.0K
Resistor element is electrically isolated from
the mounting surface
The MP808 and MP816 Kool-Pak® Power Film Resistors are constructed with Caddock's
Micronox® resistance film fired onto a flat ceramic substrate. The terminal attachment and resistance element geometry are configured to provide
outstanding non-inductive performance. The resistor body is completely surrounded by a high thermal conductivity molding compound to finish this
cost effective power resistor package.
8 Watts
16 W
atts
•
•
•
•
•
MP 825 Kool-Pak® Power Resistors
TO-126 Style Power Package
The MP825 and MP850 Kool-Pak® Power Film Resistors are constructed with Caddock's
Micronox® resistance film fired onto a flat ceramic substrate. The terminal attachment and resistance element geometry are configured to provide
outstanding non-inductive performance. The ceramic substrate is bonded to a copper heat sink which becomes the metal mounting surface.
This assembly is molded in a high thermal conductivity molding compound with the copper heat sink flush with the back surface of the part.
MP825 and MP850 Power Packages Include an Integral
Metal Mounting Surface for Highly Efficient Thermal Transfer
MP 850 Kool-Pak® Power Resistors
TO-220 Style Power Package
Construction of MP825 and MP850:
•
•
•
•
25 Watts at +25
°C CaseTemperature
derated to zero at +150
°C
Copper Heat Sink Integral in the Molded Package
Resistance Range of 0.020 ohm to 10.0K
Resistor element is electrically isolated from
the mounting surface
25 W
atts
50 W
atts
•
•
•
•
50 Watts at +25
°C CaseTemperature
derated to zero at +150
°C
Copper Heat Sink Integral in the Molded Package
Resistance Range of 0.20 ohm to 10.0K
Resistor element is electrically isolated from
the mounting surface


Similar Part No. - MP808

ManufacturerPart #DatasheetDescription
logo
Dc Components
MP808 DCCOM-MP808 Datasheet
285Kb / 2P
TECHNICAL SPECIFICATIONS OF SINGLE-PHASE SILICON BRIDGE RECTIFIER VOLTAGE RANGE - 50 to 1000 Volts
logo
GOOD-ARK Electronics
MP808 GOOD-ARK-MP808 Datasheet
97Kb / 2P
SILICON BRIDGE RECTIFIERS
logo
CHENG-YI ELECTRONIC CO....
MP808 CHENG-YI-MP808 Datasheet
125Kb / 2P
SINGLE-PHASE SILICON BRIDGE
logo
Formosa MS
MP808 FORMOSA-MP808 Datasheet
112Kb / 6P
Bridge Rectifier
logo
GOOD-ARK Electronics
MP808G GOOD-ARK-MP808G Datasheet
92Kb / 2P
GLASS PASSIVATED BRIDGE RECTIFIERS
More results

Similar Description - MP808

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MP9100 ETC1-MP9100 Datasheet
34Kb / 1P
TO-247 Kool-Pak Power Film Resistor
MP312 ETC2-MP312 Datasheet
107Kb / 1P
Power Film Resistors
MS126 ETC2-MS126 Datasheet
233Kb / 2P
Power Film Resistors
logo
Riedon Powertron
NPR2-T126 RIEDON-NPR2-T126 Datasheet
293Kb / 2P
Power Film Resistors
logo
Vishay Siliconix
PWA VISHAY-PWA Datasheet
105Kb / 3P
Thin Film Power Resistors
29-Apr-15
logo
Caddock Electronics, In...
MP800 CADDOCK-MP800 Datasheet
215Kb / 2P
MP800 Series Kool-Pak짰 Power Film Resistors
MP2060 CADDOCK-MP2060 Datasheet
137Kb / 1P
MP2060 Kool-Pak짰 Clip Mount Power Film Resistor
MPM20 CADDOCK-MPM20 Datasheet
416Kb / 1P
MPM20 Kool-Tab짰 Power Film Resistors
logo
List of Unclassifed Man...
TNP10S ETC2-TNP10S Datasheet
1Mb / 2P
Power Thun Film Resistors
logo
Caddock Electronics, In...
MP820 CADDOCK-MP820 Datasheet
215Kb / 2P
MP800 Series Kool-Pak짰 Power Film Resistors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com