Electronic Components Datasheet Search
  English  ▼

X  

LU0808 Datasheet(PDF) 2 Page - Lumics GmbH

Part # LU0808
Description  LU0808/1470C Diode Laser Mixed Wavelength up to 45 W @ 808 nm and 35 W @ 1470 nm
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMICS [Lumics GmbH]
Direct Link  https://www.lumics.de/
Logo LUMICS - Lumics GmbH

LU0808 Datasheet(HTML) 2 Page - Lumics GmbH

  LU0808 Datasheet HTML 1Page - Lumics GmbH LU0808 Datasheet HTML 2Page - Lumics GmbH LU0808 Datasheet HTML 3Page - Lumics GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Electrical and Optical Characteristics (Typical laser specifications at 25° C *)
Parameter
Conditions
808 nm &
808 nm &
Unit
1470 nm in 200 µm
1470 nm 400µm
808 nm & 1470 nm
Maximum output power (1)
Pop 808nm (c.w.)
30
45
W
Pop 1470nm (c.w.)
20
35
W
Peak wavelength (at Iop)
lpeak @ 808nm
808 ± 10
808 ± 10
nm
lpeak @ 1470nm
1470 ± 20
1470 ± 20
nm
Forward current / voltage (2)
Iop / Vop @ 808nm
7 / 12
11 / 12
A / V
Iop / Vop @ 1470nm
11 / 10
20 / 9
A / V
Threshold current
lth @ 808nm
1.7
3
A
lth @ 1470nm
1.1
1.7
A
Fiber core diameter
200
400
µm
Other General Features
Conversion efficiency
@ 808nm
35
35
%
@ 1470nm
20
20
%
Spectral shift with temp.
lT_Shift_808nm
0.3
0.3
nm / K
Spectral shift with temp.
lT_Shift_1470nm
0.7
0.7
nm / K
Fiber centricity
<10
<10
µm
Numerical Aperture
NA
0.22
0.22
Fiber connector type
SMA905
SMA905
Temperature sensor
LM35, NTC (10k) or PT100/1000 (please specify)
Weight
m
1200
1200
g
Thermal resistance (from bottom to intern. temp. sensor) Rth
0.04
0.04
K/W
Options
Option 1: Red Pilot laser
C.w. output power min. value (4)
Ppilot
1-3
1-3
mW
Peak wavelength
l
pilot
635 ± 10
635 ± 10
nm
Operating voltage
5
5
V
Current consumption
100
100
mA
Option 2: Green pilot laser
C.w. output power min. value (4)
Ppilot
1-2
1-2
mW
Peak wavelength
l
pilot
520 ± 10
520 ± 10
nm
Operating voltage
8
8
V
Pilot power control
Ppilot_contr
0-5
0-5
V
Option 3: water cooling base plate
Water temperature
T
<18
<18
°C
Minimum water flux (industrial water, no DI-water)
0.6
1.5
l/min / (100) W
Option 4: Fiber sensor
Internal (resistive) fiber detection sensor supply voltage
12
V
Internal (resistive) fiber detection sensor signal voltage
12
V
A second fiber sensor is an external inductive sensor with three wire cable (Vcc=12V, GND, Signal 12/2V when fiber is plug/not plugged)
Notes: * taken at internal temperature sensor - power drop read note (3) ** we recommend to operate the laser above dew point
(1) Power is measured ex fiber according to given fiber specifications including measures and tolerances of fiber and ferrules for uncoated fiber facets.
With AR coated (AR <0.7%) fiber end facet at the laser module side the power ex fiber can be increased by 20%. Avoid direct feedback from materials like mirrors, optics,
processed material etc. back into laser module via the fiber cable by more than 10%. Given value is the maximum power level. For given max. power level operating current
and voltage can deviate by max.10% from typcial values and is lower than maximum values. Please choose your laser driver design accordingly.
(2) Do not exceed maximum forward current for rated power as given above by more than 5% and if given by maximum current otherwise the laser diode may be damaged
(3) Rule of thumb: Power ex fiber decreases up to 5% (<1100nm) and up to 7% (>1400nm) every 10 °C temperature increase at internal temperature sensor. Lifetime
decreases by about factor of two every 10 °C.
(4) Red and green minimum pilot power is set at factory by customer request. Standard is 1 mW.
Calculation example of necessary water temperature for 10 W output power:
Thermal load = Output power * (1/conversion efficiency - 1), Water temperature = internal temperature - thermal load * Thermal resistance
Example: Output power: 10 W, Conversion efficiency: 0.2, Thermal resistance: 0.1 K/W, Internal temperature: 25 °C
Thermal load = 10 W * (1/0.2 - 1) = 40 W, Water temperature = 25 °C - 40 W * 0.1 K/W = 21 °C, (water flux must be adjusted accordingly)
Lumics GmbH Berlin. This specification is subject to change without notice.
We manufacture diode lasers.
Member of
Group



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com