Electronic Components Datasheet Search
  English  ▼

X  

LU0808 Datasheet(PDF) 3 Page - Lumics GmbH

Part # LU0808
Description  LU0808/1470C Diode Laser Mixed Wavelength up to 45 W @ 808 nm and 35 W @ 1470 nm
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMICS [Lumics GmbH]
Direct Link  https://www.lumics.de/
Logo LUMICS - Lumics GmbH

LU0808 Datasheet(HTML) 3 Page - Lumics GmbH

  LU0808 Datasheet HTML 1Page - Lumics GmbH LU0808 Datasheet HTML 2Page - Lumics GmbH LU0808 Datasheet HTML 3Page - Lumics GmbH  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Lumics GmbH Berlin. This specification is subject to change without notice.
We manufacture diode lasers.
User Safety
VISIBLE AND INVISIBLE LASER RADIATION
AVOID EYE OR SKIN EXPOSURE
TO DIRECT OR SCATTERED RADIATION
CLASS 4 LASER PRODUCT
IEC 60825-1 2007-3
AVOID EYE OR SKIN EXPOSURE TO
DIRECT OR SCATTERED RADIATION
OUTPUT POWER
WAVELENGTH
CLASS IV LASER PRODUCT
VISIBLE AND INVISIBLE LASER RADIATION
DANGER
280W
630 - 2000nm
280W
500 - 2000nm
Complies with 21 CFR1040.10
Member of
Group
Option: P2 water cooling base plate wih quick release water connectors and thermal resistance of 0.03 K/W.
Please note : Avoid to remove the water cooling plate from the P2 laser module because the optics is aligned with the water cooling
plate attached to the P2 module. If it is removed the housing might relax mechanically which move the fiber coupling port/nose
away from the focused light spot. Never change to a water cooling with a lower specifications regarding flatness
because this will bend the module and therefore lower fiber coupling efficiency.
Important Note Read and carefully follow operating manual instructions. Especially,
whenever power supply is switched on or off, always disconnect from laser module.
See manual for details. Uncontrolled on / off switching may cause spikes and result
in fatal device damage. This product is not certified by with IEC 60825-1 or 21CFR1040.10/
21CFR1040.11 and and must comply with the applicable regulations by the Purchaser
if sold as laser product.
Absolute Maximum Ratings / General Informations
Parameter
Symbol
Min
Max
Unit
Storage temperature
Tmax
0
+50
°C
Operating temp.* c.w.-operation **
Top c.w.
+15
+35
°C
Humidity / non condensing atmosphere
90
%
Recommended thermal heatsink resistance Rth
0.03
K/W
Max fiber flange temperature
45
°C
Max. back reflection of intrinsic pump wavelength output power
10
%
Max. back reflection any other than l of this diode laser
10
µJ
Compliance
CE, ROHS
Standard Accessories
Interface connector
13w3 Female
Mounting screws / metric
8 x M4 x 12
mm
Remarks
* taken at internal temperature sensor
** we recommend to operate the laser above dew point



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com