Electronic Components Datasheet Search
  English  ▼

X  

VR25 Datasheet(PDF) 5 Page - Vishay Siliconix

Part # VR25
Description  High Ohmic/High Voltage Resistors
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VR25 Datasheet(HTML) 5 Page - Vishay Siliconix

  VR25 Datasheet HTML 1Page - Vishay Siliconix VR25 Datasheet HTML 2Page - Vishay Siliconix VR25 Datasheet HTML 3Page - Vishay Siliconix VR25 Datasheet HTML 4Page - Vishay Siliconix VR25 Datasheet HTML 5Page - Vishay Siliconix VR25 Datasheet HTML 6Page - Vishay Siliconix VR25 Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
www.vishay.com
For technical questions contact: ff3dresistors@vishay.com
Document Number: 28732
172
Revision: 06-Dec-05
VR25
Vishay BCcomponents
High Ohmic/High Voltage Resistors
TESTS AND REQUIREMENTS
Essentially all tests are carried out in accordance with the
schedule
of
“IEC publication
60115-1”,
category
LCT/UCT/56 (rated temperature range: Lower Category
Temperature, Upper Category Temperature; damp heat,
long
term,
56 days).
The
testing
also
covers
the
requirements specified by EIA and EIAJ.
The tests are carried out in accordance with IEC publication
60068-2, “Recommended basic climatic and mechanical
robustness testing procedure for electronic components” and
under
standard
atmospheric
conditions
according
to
“IEC 60068-1”, subclause 5.3.
In the Test Procedures and Requirements table the tests and
requirements are listed with reference to the relevant clauses
of
“IEC publications 60115-1 and 60068-2”;
a
short
description of the test procedure is also given. In some
instances deviations from the IEC recommendations were
necessary for our method of specifying.
All soldering tests are performed with mildly activated flux.
TEST PROCEDURES AND REQUIREMENTS
IEC
60115-1
CLAUSE
IEC
60068-2
TEST
METHOD
TEST
PROCEDURE
REQUIREMENTS
4.16
21 (U)
robustness of terminations:
4.16.2
21 (Ua1)
tensile all samples
∅ 0.6 mm; load 10 N; 10 s
number of failures
< 10 × 10-6
4.16.3
21 (Ub)
bending half number
of samples
∅ 0.6 mm; load 5 N; 4 × 90°
number of failures
< 10 × 10-6
4.16.4
21 (Uc)
torsion other half
of samples
3
× 360° in opposite directions
no damage
∆R/R max.: ± 0.5 % + 0.05 Ω
4.17
20 (Ta)
solderability
2 s; 235
°C
good tinning; no damage
4.18
20 (Tb)
resistance to
soldering heat
thermal shock: 3 s; 350
°C;
3 mm from body
∆R/R max.: ± 0.5 % + 0.05 Ω
4.19
14 (Na)
rapid change of temperature
30 minutes at - 55
°C and
30 minutes at + 155
°C; 5 cycles
∆R/R max.: ± 0.5 % + 0.05 Ω
4.20
29 (Eb)
bump
3
× 1500 bumps in 3 directions; 40 g
no damage
∆R/R max.: ± 0.5 % + 0.05 Ω
4.22
6 (Fc)
vibration
frequency 10 to 500 Hz; displacement
1.5 mm or acceleration 10 g; 3 directions;
total 6 hours (3
× 2 hours)
no damage
∆R/R max.: ± 0.5 % + 0.05 Ω



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com