Electronic Components Datasheet Search
  English  ▼

X  

VR25 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # VR25
Description  High Ohmic/High Voltage Resistors
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VR25 Datasheet(HTML) 3 Page - Vishay Siliconix

  VR25 Datasheet HTML 1Page - Vishay Siliconix VR25 Datasheet HTML 2Page - Vishay Siliconix VR25 Datasheet HTML 3Page - Vishay Siliconix VR25 Datasheet HTML 4Page - Vishay Siliconix VR25 Datasheet HTML 5Page - Vishay Siliconix VR25 Datasheet HTML 6Page - Vishay Siliconix VR25 Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
www.vishay.com
For technical questions contact: ff3dresistors@vishay.com
Document Number: 28732
170
Revision: 06-Dec-05
VR25
Vishay BCcomponents
High Ohmic/High Voltage Resistors
DIMENSIONS
MARKING
The nominal resistance and tolerance are marked on the
resistor using four or five colored bands in accordance with
IEC publication 60062 “Color codes for fixed resistors”.
Yellow and grey are used instead of gold and silver because
metal particles in the lacquer could affect high-voltage
properties.
OUTLINES
The length of the body (L1) is measured by inserting the
leads into holes of two identical gauge plates and moving
these plates parallel to each other until the resistor body is
clamped without deformation (“IEC publication 60294”).
∅ D
L1
L2
∅ d
Outline
DIMENSIONS - resistor type and relevant physical dimensions
TYPE
∅ D
MAX.
L1
MAX.
L2
MAX.
∅ d
VR25
2.5
6.5
7.5
0.58 ± 0.05
MASS PER 100 UNITS
TYPE
MASS
(g)
VR25 52 mm
21.2
VR25 26 mm
14.8
FUNCTIONAL PERFORMANCE
PRODUCT CHARACTERIZATION
Standard values of nominal resistance are taken from the E96/E24/E12 series for resistors with a tolerance of ± 1 %, 5 % or
10 %. The values of the E96/E24/E12 series are in accordance with “IEC publication 60063”.
Note
1. The maximum voltage that may be continuously applied to the resistor element, see “IEC publication 60115-1”.
The maximum permissible hot-spot temperature is 155
°C.
LIMITING VALUES
TYPE
LIMITING VOLTAGE1)
(V)
LIMITING POWER
(W)
DC
RMS
VR25
1600
1150
0.25



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com