Electronic Components Datasheet Search
  English  ▼

X  

GMC01 Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # GMC01
Description  Multilayer Ceramic Chip Capacitors
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

GMC01 Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button GMC01 Datasheet HTML 5Page - List of Unclassifed Manufacturers GMC01 Datasheet HTML 6Page - List of Unclassifed Manufacturers GMC01 Datasheet HTML 7Page - List of Unclassifed Manufacturers GMC01 Datasheet HTML 8Page - List of Unclassifed Manufacturers GMC01 Datasheet HTML 9Page - List of Unclassifed Manufacturers GMC01 Datasheet HTML 10Page - List of Unclassifed Manufacturers GMC01 Datasheet HTML 11Page - List of Unclassifed Manufacturers GMC01 Datasheet HTML 12Page - List of Unclassifed Manufacturers GMC01 Datasheet HTML 13Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
0603
25
50
100
200
6.3
10
16/25
35
6.3
10
16
25
50
100
200
6.3
10
16
25
50
1.0nF
102
1.2
122
1.5
152
1.8
182
2.2
222
2.7
272
3.3
332
3.9
392
4.7
472
5.6
562
6.8
682
7.5
752
8.2
822
10
103
12
123
15
153
18
183
22
223
27
273
33
333
39
393
47
473
56
563
68
683
82
823
100
104
120
124
150
154
220
224
270
274
330
334
470
474
560
564
680
684
820
824
1.0 uF
105
2.2
225
2.7
275
3.3
335
3.9
395
4.7
475
5.6
565
6.8
685
8.2
825
10
106
15
156
22
226
33
336
47
476
X7R
Y5V & Z5U
Rated Voltage
Cap. Range
BW(L2/LW)
0.1 ~ 0.4
dielectric
COG
X5R
W
0.8 ± 0.2
H
1.0 max
DIMENSION (MM)
GMC10
L(L1)
1.6 ± 0.2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com