Electronic Components Datasheet Search
  English  ▼

X  

GMC01 Datasheet(PDF) 13 Page - List of Unclassifed Manufacturers

Part # GMC01
Description  Multilayer Ceramic Chip Capacitors
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

GMC01 Datasheet(HTML) 13 Page - List of Unclassifed Manufacturers

Back Button GMC01 Datasheet HTML 9Page - List of Unclassifed Manufacturers GMC01 Datasheet HTML 10Page - List of Unclassifed Manufacturers GMC01 Datasheet HTML 11Page - List of Unclassifed Manufacturers GMC01 Datasheet HTML 12Page - List of Unclassifed Manufacturers GMC01 Datasheet HTML 13Page - List of Unclassifed Manufacturers GMC01 Datasheet HTML 14Page - List of Unclassifed Manufacturers GMC01 Datasheet HTML 15Page - List of Unclassifed Manufacturers GMC01 Datasheet HTML 16Page - List of Unclassifed Manufacturers GMC01 Datasheet HTML 17Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
6.3 10
16
25
35
50 100 200 6.3 10
16
25
50 100 200 6.3 10
16
25
50 100 200
47
470
51
510
56
560
62
620
68
680
82
820
100
101
120
121
150
151
180
181
220
221
270
271
330
331
390
391
470
471
560
561
680
681
820
821
1.0nF
102
1.2
122
1.5
152
1.8
182
2.2
222
2.7
272
3.3
332
3.9
392
4.7
472
5.6
562
6.8
682
8.2
822
10
103
12
123
15
153
18
183
22
223
27
273
33
333
39
393
47
473
56
563
68
683
82
823
100
104
120
124
150
154
180
184
220
224
270
274
330
334
470
474
560
564
680
684
820
824
1.0 uF
105
1.2
125
1.5
155
1.8
185
2.2
225
3.3
335
4.7
475
6.8
685
10
106
22
226
33
336
47
476
68
686
100
107
Rated Voltage
Cap. Range
GMC21
2.0 ± 0.3
1.25 ± 0.2
1.5
0.25 ~ 0.75
H
BW(L2/L3)
DIMENSION (MM)
L(L1)
W
GMC31
3.2 ± 0.3
1.6 ± 0.2
1.8
0.25 ~ 0.75
GMC32
3.2 ± 0.3
2.5 ± 0.3
2.8
0.25 ~ 0.75
0805 - 1210 X7R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com