Electronic Components Datasheet Search
  English  ▼

X  

SMLJ Datasheet(PDF) 2 Page - Bourns Electronic Solutions

Part # SMLJ
Description  SMLJ Transient Voltage Suppressor Diode Series
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

SMLJ Datasheet(HTML) 2 Page - Bourns Electronic Solutions

  SMLJ Datasheet HTML 1Page - Bourns Electronic Solutions SMLJ Datasheet HTML 2Page - Bourns Electronic Solutions SMLJ Datasheet HTML 3Page - Bourns Electronic Solutions SMLJ Datasheet HTML 4Page - Bourns Electronic Solutions SMLJ Datasheet HTML 5Page - Bourns Electronic Solutions SMLJ Datasheet HTML 6Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
SMLJ Transient Voltage Suppressor Diode Series
Electrical Characteristics (@ TA = 25 °C Unless Otherwise Noted)
Unidirectional
Device
Bidirectional Device
Breakdown
Voltage
VBR (Volts)
Working
Peak
Reverse
Voltage
Maximum
Reverse
Leakage
@ VRWM
Maximum
Clamping
Voltage
@ Ipp
(10/1000 μs)
Maximum
Peak
Pulse
Current
(10/1000 μs)
Maximum
Clamping
Voltage
@ Ipp
(8/20 μs)
Maximum
Peak
Pulse
Current
(8/20 μs)
Part
Number
Part
Marking
Part
Number
Part
Marking
Min.
Max.
@ IT
(mA)
VRWM
(V)
IR
(μA)
Vc
(V)
Ipp
(A)
Vc
(V)
Ipp
(A)
SMLJ5.0A
HDE
SMLJ5.0CA
IDE
6.40
7.00
10
5
1000
9.2
326.00
12.00
1630.50
SMLJ6.0A
HDG
SMLJ6.0CA
IDG
6.67
7.37
10
6
1000
10.3
291.30
13.40
1456.50
SMLJ6.5A
HDK
SMLJ6.5CA
IDK
7.22
7.98
10
6.5
500
11.2
267.90
14.60
1339.50
SMLJ7.0A
HDM
SMLJ7.0CA
IDM
7.78
8.60
10
7
200
12
250.00
15.60
1250.00
SMLJ7.5A
HDP
SMLJ7.5CA
IDP
8.33
9.21
1
7.5
100
12.9
232.60
16.80
1163.00
SMLJ8.0A
HDR
SMLJ8.0CA
IDR
8.89
9.83
1
8
50
13.6
220.60
17.70
1103.00
SMLJ8.5A
HDT
SMLJ8.5CA
IDT
9.44
10.4
1
8.5
25
14.4
208.40
18.70
1041.50
SMLJ9.0A
HDV
SMLJ9.0CA
IDV
10.0
11.1
1
9
10
15.4
194.80
20.00
974.00
SMLJ10A
HDX
SMLJ10CA
IDX
11.1
12.3
1
10
5
17
176.40
22.10
882.50
SMLJ11A
HDZ
SMLJ11CA
IDZ
12.2
13.5
1
11
5
18.2
164.80
23.70
824.00
SMLJ12A
HEE
SMLJ12CA
IEE
13.3
14.7
1
12
2
19.9
150.60
25.90
754.00
SMLJ13A
HEG
SMLJ13CA
IEG
14.4
15.9
1
13
2
21.5
139.40
28.00
697.50
SMLJ14A
HEK
SMLJ14CA
IEK
15.6
17.2
1
14
2
23.2
129.40
30.20
646.50
SMLJ15A
HEM
SMLJ15CA
IEM
16.7
18.5
1
15
2
24.4
123.00
31.70
615.00
SMLJ16A
HEP
SMLJ16CA
IEP
17.8
19.7
1
16
2
26
115.40
33.80
577.00
SMLJ17A
HER
SMLJ17CA
IER
18.9
20.9
1
17
2
27.6
106.60
35.90
543.50
SMLJ18A
HET
SMLJ18CA
IET
20.0
22.1
1
18
2
29.2
102.80
38.00
513.50
SMLJ20A
HEV
SMLJ20CA
IEV
22.2
24.5
1
20
2
32.4
92.60
42.10
463.00
SMLJ22A
HEX
SMLJ22CA
IEX
24.4
26.9
1
22
2
35.5
84.40
46.20
422.50
SMLJ24A
HEZ
SMLJ24CA
IEZ
26.7
29.5
1
24
2
38.9
77.20
50.60
385.50
SMLJ26A
HFE
SMLJ26CA
IFE
28.9
31.9
1
26
2
42.1
71.20
54.70
356.50
SMLJ28A
HFG
SMLJ28CA
IFG
31.1
34.4
1
28
2
45.4
66.00
59.00
330.50
SMLJ30A
HFK
SMLJ30CA
IFK
33.3
36.8
1
30
2
48.4
62.00
62.90
310.00
SMLJ33A
HFM
SMLJ33CA
IFM
36.7
40.6
1
33
2
53.3
56.20
69.30
281.50
SMLJ36A
HFP
SMLJ36CA
IFP
40
44.2
1
36
2
58.1
51.60
75.50
258.00
SMLJ40A
HFR
SMLJ40CA
IFR
44.4
49.1
1
40
2
64.5
46.40
83.90
232.50
SMLJ43A
HFT
SMLJ43CA
IFT
47.8
52.8
1
43
2
69.4
43.20
90.20
216.00
SMLJ45A
HFV
SMLJ45CA
IFV
50
55.3
1
45
2
72.7
41.20
94.50
206.50
SMLJ48A
HFX
SMLJ48CA
IFX
53.3
58.9
1
48
2
77.4
38.80
100.60
194.00
SMLJ51A
HFZ
SMLJ51CA
IFZ
56.7
62.7
1
51
2
82.4
36.40
107.10
182.00
SMLJ54A
HGE
SMLJ54CA
IGE
60
66.3
1
54
2
87.1
34.40
113.20
172.00
SMLJ58A
HGG
SMLJ58CA
IGG
64.4
71.2
1
58
2
93.6
32.00
121.70
160.50
SMLJ60A
HGK
SMLJ60CA
IGK
66.7
73.7
1
60
2
96.8
31.00
125.80
155.00
SMLJ64A
HGM
SMLJ64CA
IGM
71.1
78.6
1
64
2
103
29.20
133.90
145.50
SMLJ70A
HGP
SMLJ70CA
IGP
77.8
86.0
1
70
2
113
26.60
146.90
132.50
SMLJ75A
HGR
SMLJ75CA
IGR
83.3
92.1
1
75
2
121
24.80
157.30
124.00
SMLJ78A
HGT
SMLJ78CA
IGT
86.7
95.8
1
78
2
126
22.80
163.80
119.00
SMLJ85A
HGV
SMLJ85CA
IGV
94.4
104
1
85
2
137
20.80
178.10
109.50
SMLJ90A
HGX
SMLJ90CA
IGX
100
111
1
90
2
146
20.60
189.80
102.50
SMLJ100A
HGZ
SMLJ100CA
IGZ
111
123
1
100
2
162
18.60
210.60
92.50
SMLJ110A
HHE
SMLJ110CA
IHE
122
135
1
110
2
177
16.80
230.10
84.50
SMLJ120A
HHG
SMLJ120CA
IHG
133
147
1
120
2
193
15.60
250.90
77.50
SMLJ130A
HHH
SMLJ130CA
IHH
144
159
1
130
2
209
14.40
271.70
72.00
SMLJ150A
HHM
SMLJ150CA
IHM
167
185
1
150
2
243
12.40
315.90
61.50
SMLJ160A
HHP
SMLJ160CA
IHP
178
197
1
160
2
259
11.60
336.70
58.00
SMLJ170A
HHR
SMLJ170CA
IHR
189
209
1
170
2
275
11.00
357.50
54.50
Notes:
1. Suffix ‘A’ denotes a 5 % tolerance unidirectional device.
2. Suffix ‘CA’ denotes a 5 % tolerance bidirectional device.
3. For bidirectional devices with a VR of 10 volts or less, the IR limit is double.
Specifications are subject to change without notice.
Users should verify actual device performance in their specific applications.
The products described herein and this document are subject to specific legal disclaimers as set forth on the last page of this document, and at www.bourns.com/docs/legal/disclaimer.pdf.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com