Electronic Components Datasheet Search
  English  ▼

X  

SMLJ Datasheet(PDF) 3 Page - Bourns Electronic Solutions

Part # SMLJ
Description  SMLJ Transient Voltage Suppressor Diode Series
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

SMLJ Datasheet(HTML) 3 Page - Bourns Electronic Solutions

  SMLJ Datasheet HTML 1Page - Bourns Electronic Solutions SMLJ Datasheet HTML 2Page - Bourns Electronic Solutions SMLJ Datasheet HTML 3Page - Bourns Electronic Solutions SMLJ Datasheet HTML 4Page - Bourns Electronic Solutions SMLJ Datasheet HTML 5Page - Bourns Electronic Solutions SMLJ Datasheet HTML 6Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
SMLJ Transient Voltage Suppressor Diode Series
Specifications are subject to change without notice.
Users should verify actual device performance in their specific applications.
The products described herein and this document are subject to specific legal disclaimers as set forth on the last page of this document, and at www.bourns.com/docs/legal/disclaimer.pdf.
Product Dimensions
Recommended Footprint
B
G
F
D
C
H
E
A
Dimension
SMC (DO-214AB)
A
6.60 - 7.11
(0.260 - 0.280)
B
5.59 - 6.22
(0.220 - 0.245)
C
2.90 - 3.20
(0.114 - 0.126)
D
0.15 - 0.31
(0.006 - 0.012)
E
7.75 - 8.13
(0.305 - 0.320)
F
0.05 - 0.20
(0.002 - 0.008)
G
2.00 - 2.62
(0.079 - 0.103)
H
0.76 - 1.52
(0.030 - 0.060)
DIMENSIONS:
MM
(INCHES)
DIMENSIONS:
MM
(INCHES)
a
c
b
Dimension
SMC (DO-214AB)
a (Max.)
4.69
(0.185)
b (Min.)
3.07
(0.121)
c (Min.)
1.52
(0.060)
Physical Specifications
Case ............................................ Molded plastic per UL Class 94V-0
Polarity.........................Cathode band indicates unidirectional device
No cathode band indicates bidirectional device



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com