Electronic Components Datasheet Search
  English  ▼

X  

STHS34PF80 Datasheet(PDF) 5 Page - STMicroelectronics

Part # STHS34PF80
Description  Low-power, high-sensitivity infrared sensor for presence and motion detection
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STHS34PF80 Datasheet(HTML) 5 Page - STMicroelectronics

  STHS34PF80 Datasheet HTML 1Page - STMicroelectronics STHS34PF80 Datasheet HTML 2Page - STMicroelectronics STHS34PF80 Datasheet HTML 3Page - STMicroelectronics STHS34PF80 Datasheet HTML 4Page - STMicroelectronics STHS34PF80 Datasheet HTML 5Page - STMicroelectronics STHS34PF80 Datasheet HTML 6Page - STMicroelectronics STHS34PF80 Datasheet HTML 7Page - STMicroelectronics STHS34PF80 Datasheet HTML 8Page - STMicroelectronics STHS34PF80 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
3
Sensor and electrical specifications
Conditions at VDD = 1.8 V, T = 25 °C.
Table 2. Sensor specifications
Symbol
Parameter
Test condition
Min.
Typ.(1)
Max.
Unit
Tbit
Temperature output data (object and ambient)
–
16
–
Bit
Tamb_s
Ambient temperature sensitivity
–
100
–
LSB/°C
Tobj_s
Object temperature sensitivity(2)
2000
LSB/°C
Tamb_a
Ambient temperature sensor accuracy
-10 °C to 60 °C
±0.5
°C
-40 °C to 85 °C
±1.0
ODR
Object and ambient temperature output data rate
ODR [3:0] = 0001
0.25
Hz
ODR [3:0] = 0010
0.5
ODR [3:0] = 0011
1.0
ODR [3:0] = 0100
2.0
ODR [3:0] = 0101
4.0
ODR [3:0] = 0110
8.0
ODR [3:0] = 0111
15.0
ODR [3:0] = 1xxx
30.0
Noise
120
LSBp-p
FFOV
Full field of view
80
Degree
1. Typical specifications are not guaranteed.
2. The object temperature measurement is specified for a full field-of-view coverage by a black body with more than 99%
emissivity. The accuracy specifications apply under settled isothermal conditions only.
Table 3. Electrical specifications
Symbol
Parameter
Test condition
Min.
Typ. (1)
Max.
Unit
VDD
Supply voltage
1.7
–
3.6
V
IDD
Supply current
128 average @ 1 Hz ODR
10
µA
32 average @ 1 Hz ODR
5
IddPDN
Power-down supply current
1
µA
Top
Operating temperature range
-40
–
85
°C
1. Typical specifications are not guaranteed.
STHS34PF80
Sensor and electrical specifications
DB4312 - Rev 1
page 5/13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com