Electronic Components Datasheet Search
  English  ▼

X  

STHS34PF80 Datasheet(PDF) 10 Page - STMicroelectronics

Part # STHS34PF80
Description  Low-power, high-sensitivity infrared sensor for presence and motion detection
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STHS34PF80 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button STHS34PF80 Datasheet HTML 5Page - STMicroelectronics STHS34PF80 Datasheet HTML 6Page - STMicroelectronics STHS34PF80 Datasheet HTML 7Page - STMicroelectronics STHS34PF80 Datasheet HTML 8Page - STMicroelectronics STHS34PF80 Datasheet HTML 9Page - STMicroelectronics STHS34PF80 Datasheet HTML 10Page - STMicroelectronics STHS34PF80 Datasheet HTML 11Page - STMicroelectronics STHS34PF80 Datasheet HTML 12Page - STMicroelectronics STHS34PF80 Datasheet HTML 13Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
7
Package information
In order to meet environmental requirements, ST offers these devices in different grades of ECOPACK packages,
depending on their level of environmental compliance. ECOPACK specifications, grade definitions and product
status are available at: www.st.com. ECOPACK is an ST trademark.
7.1
OLGA-10L 3.2 x 4.2 x 1.455 mm package information
Figure 7. OLGA-10L (3.2 x 4.2 x 1.455 mm) package outline and mechanical data
Dimensions are in millimeter unless otherwise specified
General Tolerance is +/-0.1mm unless otherwise specified
OUTER DIMENSIONS
ITEM
DIMENSION [mm]
TOLERANCE [mm]
1
.
0
±
2
.
3
]
W
[
h
t
d
i
W
1
.
0
±
2
.
4
]
L
[
h
t
g
n
e
L
X
A
M
5
5
4
.
1
]
H
[
t
h
g
i
e
H
DM00488758_4
STHS34PF80
Package information
DB4312 - Rev 1
page 10/13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com