Electronic Components Datasheet Search
  English  ▼

X  

STTH30RQ06L2 Datasheet(PDF) 5 Page - STMicroelectronics

Part # STTH30RQ06L2
Description  600 V, 30 A ultrafast high voltage rectifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTH30RQ06L2 Datasheet(HTML) 5 Page - STMicroelectronics

  STTH30RQ06L2 Datasheet HTML 1Page - STMicroelectronics STTH30RQ06L2 Datasheet HTML 2Page - STMicroelectronics STTH30RQ06L2 Datasheet HTML 3Page - STMicroelectronics STTH30RQ06L2 Datasheet HTML 4Page - STMicroelectronics STTH30RQ06L2 Datasheet HTML 5Page - STMicroelectronics STTH30RQ06L2 Datasheet HTML 6Page - STMicroelectronics STTH30RQ06L2 Datasheet HTML 7Page - STMicroelectronics STTH30RQ06L2 Datasheet HTML 8Page - STMicroelectronics STTH30RQ06L2 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
Figure 7. Reverse recovery charges versus dIF/dt (typical
values)
0
200
400
600
800
0
50
100
150
200
250
300
350
400
450
500
VR = 400 V
Tj = 125°C
IF = 30 A
IF = 7.5 A
IF = 15 A
dIF /dt(A/µs)
QRR(nC)
Figure 8. Reverse recovery softness factor versus dIF/dt
(typical values)
0.0
0.4
0.8
1.2
1.6
2.0
0
50
100
150
200
250
300
350
400
450
500
VR = 400 V
Tj = 125°C
dIF /dt(A/µs)
Sfactor
Figure 9. Relative variation of dynamic parameters
versus junction temperature
0.0
0.4
0.8
1.2
1.6
2.0
25
50
75
100
125
V
R = 400 V
Reference :Tj = 125 °C
Tj(°C)
IF = IF(AV)
IRM
Sfactor
Qrr
Figure 10. Junction capacitance versus reverse voltage
applied (typical values)
10
100
1000
1
10
100
1000
C(pF)
F=1MHz
V
OSC=30mVRMS
T
j=25°C
VR(V)
Figure 11. Relative variation of non-repetitive peak
surge forward current versus pulse duration (sinusoidal
waveform)
1.0
1.5
2.0
2.5
3.0
3.5
4.0
0.1
1.0
10.0
tp(ms)
IFSM(tp) / IFSM(10 ms)
Figure 12. Relative variation of non-repetitive peak
surge forward current versus initial junction temperature
(sinusoidal waveform)
0.0
0.2
0.4
0.6
0.8
1.0
1.2
25
50
75
100
125
150
175
Tj(°C)
IFSM(Tj) / IFSM(25 °C)
STTH30RQ06L2
Characteristics (curves)
DS13275 - Rev 3
page 5/12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com