Electronic Components Datasheet Search
  English  ▼

X  

STTH30RQ06L2 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STTH30RQ06L2
Description  600 V, 30 A ultrafast high voltage rectifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTH30RQ06L2 Datasheet(HTML) 1 Page - STMicroelectronics

  STTH30RQ06L2 Datasheet HTML 1Page - STMicroelectronics STTH30RQ06L2 Datasheet HTML 2Page - STMicroelectronics STTH30RQ06L2 Datasheet HTML 3Page - STMicroelectronics STTH30RQ06L2 Datasheet HTML 4Page - STMicroelectronics STTH30RQ06L2 Datasheet HTML 5Page - STMicroelectronics STTH30RQ06L2 Datasheet HTML 6Page - STMicroelectronics STTH30RQ06L2 Datasheet HTML 7Page - STMicroelectronics STTH30RQ06L2 Datasheet HTML 8Page - STMicroelectronics STTH30RQ06L2 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
HU3PAK
A
K
K
A A
A A
A
NC
NC
A
A
A
A
Features
•
High junction temperature capability
•
Ultrafast switching
•
Low reverse current
•
Low thermal resistance
•
Reduce switching and conduction losses
Applications
•
DC/DC converter
•
EV charging station
Description
Housed in a HU3PAK package, this 600 V, 30 A device uses ST 600 V technology.
STTH30RQ06L2 is ideal for application use as secondary rectification diode.
Product status link
STTH30RQ06L2
Product summary
IF(AV)
30 A
VRRM
600 V
VF (typ.)
1.45 V
trr (max.)
30 ns
Tj(max.)
+175 °C
600 V, 30 A ultrafast high voltage rectifier
STTH30RQ06L2
Datasheet
DS13275 - Rev 3 - December 2021
For further information contact your local STMicroelectronics sales office.
www.st.com


Similar Part No. - STTH30RQ06L2

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STTH30RQ06L2Y STMICROELECTRONICS-STTH30RQ06L2Y Datasheet
464Kb / 12P
Automotive 600 V, 30 A ultrafast high voltage rectifier
17-Dec-2021
More results

Similar Description - STTH30RQ06L2

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
FFPF30UA60S DIODES-FFPF30UA60S Datasheet
2Mb / 5P
30 A, 600 V, Ultrafast ll Diode
Rev erse
logo
ON Semiconductor
FFH60UP60S ONSEMI-FFH60UP60S Datasheet
856Kb / 9P
60 A, 600 V Ultrafast Rectifier
September 2016 Rev. 1.6
logo
STMicroelectronics
STTH30M06S STMICROELECTRONICS-STTH30M06S Datasheet
208Kb / 10P
600 V, 30 A ultrafast high voltage diode
03-Jun-2021
STTH30RQ06 STMICROELECTRONICS-STTH30RQ06 Datasheet
628Kb / 20P
600 V, 30 A ultrafast high voltage rectifier
March 2020
logo
ON Semiconductor
RURG3060CC-F085 ONSEMI-RURG3060CC-F085 Datasheet
488Kb / 7P
Ultrafast Rectifier 30 A, 600 V
February, 2020 - Rev. 4
RURG3060-F085 ONSEMI-RURG3060-F085 Datasheet
5Mb / 7P
Ultrafast Rectifier 30 A, 600 V
March, 2020 - Rev. 4
logo
STMicroelectronics
STTH30RQ06L2Y STMICROELECTRONICS-STTH30RQ06L2Y Datasheet
464Kb / 12P
Automotive 600 V, 30 A ultrafast high voltage rectifier
17-Dec-2021
logo
ON Semiconductor
RHRG3060-F085 ONSEMI-RHRG3060-F085 Datasheet
5Mb / 7P
Hyperfast Rectifier 30 A, 600 V
March, 2020 - Rev. 4
logo
STMicroelectronics
STTH60RQ06 STMICROELECTRONICS-STTH60RQ06 Datasheet
239Kb / 13P
600 V, 60 A ultrafast high voltage rectifier
30-Mar-2020
STTH60RQ06CWL STMICROELECTRONICS-STTH60RQ06CWL Datasheet
377Kb / 11P
600 V, 2 X 30 A ultrafast high voltage rectifier
07-Feb-2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com