Electronic Components Datasheet Search
  English  ▼

X  

STEVAL-IFP040V1 Datasheet(PDF) 2 Page - STMicroelectronics

Part # STEVAL-IFP040V1
Description  Industrial digital output expansion board based on IPS1025HF in a QFN48L package
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STEVAL-IFP040V1 Datasheet(HTML) 2 Page - STMicroelectronics

  STEVAL-IFP040V1 Datasheet HTML 1Page - STMicroelectronics STEVAL-IFP040V1 Datasheet HTML 2Page - STMicroelectronics STEVAL-IFP040V1 Datasheet HTML 3Page - STMicroelectronics STEVAL-IFP040V1 Datasheet HTML 4Page - STMicroelectronics STEVAL-IFP040V1 Datasheet HTML 5Page - STMicroelectronics STEVAL-IFP040V1 Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
1
Schematic diagrams
Figure 1. STEVAL-IFP040V1 circuit schematic (1 of 2)
ALTERNATE USE
VCC
DEFAULT
PB6
PA10
PB0
NRST
PA6
PA9
PC1
PA5
(7V-12V NUCLEO supply voltage)
Arduino Connectors
PC0
PA8
ALTERNATE USE
OUT
VCC
ALTERNATE USE
IOREF
PA7
DEFAULT
PB3
PB10
PA4
PB4
PA0
DEFAULT
PA1
Alternate Nucleo Supply
7V - 12 V
DEFAULT
OUT
Analog supply
8V - 60 V
PB9
PB8
Morpho Connectors
(N.M.)
PA3
ALTERNATE USE
PA2
PC7
DEFAULT
GND
PB5
ALTERNATE USE
OUT1
VCC
IN1
FLT1
FLT2
OUT_FB
Nch-DRV
3v3
5v0
MH3
M3 HOLE NOT PLATED
+
C10
100uF
N.M.
R107
100 N.M.
C1
4700pF
N.M.
D2 N.M.
BAT48JFILM
MH4
MH1
M3 HOLE NOT PLATED
C6
2.2uF
M3 HOLE NOT PLATED
FIDUCIAL1
Fiducial
CN8
1
2
3
4
SSQ-106-04-F-S
5
6
CN10
N.M.
1
SSQ-119-04-L-D
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
32
33
34
35
36
37
38
R102
100 N.M.
R115
100 N.M.
C2
4700pF
N.M.
R103
100
J4
default closed
FIDUCIAL4
Fiducial
R116
100 N.M.
J3
D1 STPS1H100A
default closed
TR1
CN6
1
2
3
SSQ-108-04-F-S
4
5
6
7
8
CN2
1
N.M.
2
691214110002
R101
100
R110
100
FIDUCIAL2
Fiducial
TR2 N.M.
ESDA15P60-1U1M
TP4
5001
FIDUCIAL3
Fiducial
R114
100
TP2
5001
CN5
J2default open
1
2
3
4
SSQ-110-04-F-S
5
6
7
8
9
10
CN1
1
2
3
691137710005
4
5
R104
100 N.M.
R108
100
CN9
1
2
3
4
SSQ-108-04-F-S
5
6
7
8
MH2
CN7
M3 HOLE NOT PLATED
N.M.
1
SSQ-119-04-L-D
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
32
33
34
35
36
37
38
EARTH
FLT1
D15
FLT1
D14
AVDD
VIN
3V3
D13
5V
D12
D11
IN1
D10
VIN
IN1
D9
D8
Nch-DRV
IN1
FLT1
FLT2
D7
D6
Nch-DRV
A0
D5
OUT_FB
A1
D4
OUT_FB
A2
D3
A3
Nch-DRV
FLT2
OUT_FB
D2
A4
FLT2
D1
A5
D0



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com