Electronic Components Datasheet Search
  English  ▼

X  

STEVAL-IFP040V1 Datasheet(PDF) 3 Page - STMicroelectronics

Part # STEVAL-IFP040V1
Description  Industrial digital output expansion board based on IPS1025HF in a QFN48L package
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STEVAL-IFP040V1 Datasheet(HTML) 3 Page - STMicroelectronics

  STEVAL-IFP040V1 Datasheet HTML 1Page - STMicroelectronics STEVAL-IFP040V1 Datasheet HTML 2Page - STMicroelectronics STEVAL-IFP040V1 Datasheet HTML 3Page - STMicroelectronics STEVAL-IFP040V1 Datasheet HTML 4Page - STMicroelectronics STEVAL-IFP040V1 Datasheet HTML 5Page - STMicroelectronics STEVAL-IFP040V1 Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Figure 2. STEVAL-IFP040V1 circuit schematic (2 of 2)
default:
closed
VCC
IN1
OUT1
FLT1
FLT2
OUT_FB
Nch-DRV
5v03v3
R15
12k
SW1
con3-strip-male
1
2
3
default: CLOSE 1-2
DG1
A
C
0
R4
150060VS75000
R3
22k
D4
J8
STPS1H100A
R8
10k
TR3
SM15T10AY
SW5
con3-strip-male
1
2
3
0
R10
default: CLOSE 1-2
R11
2.2K
J9
con6-2x3-strip-male
R2
390
R18
390
ISO5
R12
22k
D8
TDZ6V2J,115
Q1
1
STN2NF10
SW4
con3-strip-male
R19
default: CLOSE 1-2
1k
J11
con8-2x4-strip-male
TP1
5001
R6
2.2K
SW3
con3-strip-male
default: CLOSE 1-2
ISO4
SW2
con3-strip-male
R1
default: CLOSE 1-2
27K
J7
R21
2.2K
0
R9
TP5
5001
R17
27K
ISO1
J5
J12
default closed
default closed
DR1
J6
default closedTP3
5001
D3
BAT41ZFILM
R16
2.2K
U1
IPS1025HFQ
6
GND
49
Exp-VCC
R20
6.8k
ANY
DR2
A
C
150060RS75000
ISO3
C5
0.1uF
R710k
0
R5
C4
0.1uF
ISO2
VCC



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com