Electronic Components Datasheet Search
  English  ▼

X  

AM6548 Datasheet(PDF) 58 Page - Texas Instruments

Part # AM6548
Description  AM654x, AM652x Sitara™ Processors Silicon Revision 2.1
PDF  284 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM6548 Datasheet(HTML) 58 Page - Texas Instruments

Back Button AM6548_V04 Datasheet HTML 54Page - Texas Instruments AM6548_V04 Datasheet HTML 55Page - Texas Instruments AM6548_V04 Datasheet HTML 56Page - Texas Instruments AM6548_V04 Datasheet HTML 57Page - Texas Instruments AM6548_V04 Datasheet HTML 58Page - Texas Instruments AM6548_V04 Datasheet HTML 59Page - Texas Instruments AM6548_V04 Datasheet HTML 60Page - Texas Instruments AM6548_V04 Datasheet HTML 61Page - Texas Instruments AM6548_V04 Datasheet HTML 62Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 284 page
background image
Table 6-1. Pin Attributes (continued)
BALL NUMBER
[1]
BALL NAME [2]
SIGNAL NAME [3]
MUXMOD
E [4]
TYPE [5]
BALL
RESET
STATE [6]
BALL
RESET
REL.
MUXMOD
E [7]
I/O
VOLTAGE
VALUE [8]
POWER [9]
HYS [10]
BUFFER
TYPE [11]
PULL UP/
DOWN
TYPE [12]
DSIS [13]
RXACTIVE
/
TXDISABL
E [14]
IO Daisy
Chain [15]
AC5
WKUP_GPIO0_8
WKUP_GPIO0_8
0
IO
OFF
7
1.8 V/3.3 V VDDSHV0_WK
UP
Yes
LVCMOS
PU/PD
0
1/1
Yes
MCU_CPTS0_TS_SYNC
2
O
WKUP_GPIO0_8
7
IO
0
MCU_BOOTMODE08
Bootstrap
I
0
AB4
WKUP_GPIO0_9
WKUP_GPIO0_9
0
IO
OFF
7
1.8 V/3.3 V VDDSHV0_WK
UP
Yes
LVCMOS
PU/PD
0
1/1
Yes
MCU_CPTS0_TS_COMP
2
O
WKUP_GPIO0_9
7
IO
0
MCU_BOOTMODE09
Bootstrap
I
0
AB3
WKUP_GPIO0_10
WKUP_GPIO0_10
0
IO
OFF
7
1.8 V/3.3 V VDDSHV0_WK
UP
Yes
LVCMOS
PU/PD
0
0/1
Yes
MCU_EXT_REFCLK0
1
I
0
MCU_CPTS0_RFT_CLK
4
I
0
MCU_SYSCLKOUT0
5
O
WKUP_GPIO0_10
7
IO
0
AB2
WKUP_GPIO0_11
WKUP_GPIO0_11
0
IO
OFF
7
1.8 V/3.3 V VDDSHV0_WK
UP
Yes
LVCMOS
PU/PD
0
0/1
Yes
MCU_OBSCLK0
1
O
MCU_TIMER_IO1
4
IO
0
MCU_CLKOUT0
6
O
WKUP_GPIO0_11
7
IO
0
AC7
WKUP_I2C0_SCL
WKUP_I2C0_SCL
0
IOD
OFF
0
1.8 V/3.3 V VDDSHV0_WK
UP
Yes
I2C OPEN
DRAIN
1
1/0
Yes
AD6
WKUP_I2C0_SDA
WKUP_I2C0_SDA
0
IOD
OFF
0
1.8 V/3.3 V VDDSHV0_WK
UP
Yes
I2C OPEN
DRAIN
1
1/0
Yes
AE4
WKUP_LFOSC0_XI
WKUP_LFOSC0_XI
I
OFF
1.8 V
VDDA_WKUP
Analog
No
AC4
WKUP_LFOSC0_XO
WKUP_LFOSC0_XO
O
OFF
1.8 V
VDDA_WKUP
Analog
No
AD5
WKUP_OSC0_XI
WKUP_OSC0_XI
I
OFF
1.8 V
VDDA_WKUP
Analog
No
AE6
WKUP_OSC0_XO
WKUP_OSC0_XO
O
OFF
1.8 V
VDDA_WKUP
Analog
No
AB1
WKUP_UART0_RXD
WKUP_UART0_RXD
0
I
OFF
7
1.8 V/3.3 V VDDSHV0_WK
UP
Yes
LVCMOS
PU/PD
1
0/1
Yes
WKUP_GPIO0_52
7
IO
0
AB5
WKUP_UART0_TXD
WKUP_UART0_TXD
0
O
OFF
7
1.8 V/3.3 V VDDSHV0_WK
UP
Yes
LVCMOS
PU/PD
1
0/1
Yes
WKUP_GPIO0_53
7
IO
0
The following list describes the table column headers:
1. BALL NUMBER: Ball numbers on the bottom side associated with each signal on the bottom.
2. BALL NAME: Mechanical name from package device (name is taken from muxmode 0).
3. SIGNAL NAME: Names of signals multiplexed on each ball (also notice that the name of the ball is the signal name in muxmode 0).
AM6548, AM6528, AM6546, AM6526
SPRSP52B – DECEMBER 2019 – REVISED JUNE 2021
www.ti.com
58
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: AM6548 AM6528 AM6546 AM6526



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com