Electronic Components Datasheet Search
  English  ▼

X  

AM6548 Datasheet(PDF) 60 Page - Texas Instruments

Part # AM6548
Description  AM654x, AM652x Sitara™ Processors Silicon Revision 2.1
PDF  284 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM6548 Datasheet(HTML) 60 Page - Texas Instruments

Back Button AM6548_V04 Datasheet HTML 56Page - Texas Instruments AM6548_V04 Datasheet HTML 57Page - Texas Instruments AM6548_V04 Datasheet HTML 58Page - Texas Instruments AM6548_V04 Datasheet HTML 59Page - Texas Instruments AM6548_V04 Datasheet HTML 60Page - Texas Instruments AM6548_V04 Datasheet HTML 61Page - Texas Instruments AM6548_V04 Datasheet HTML 62Page - Texas Instruments AM6548_V04 Datasheet HTML 63Page - Texas Instruments AM6548_V04 Datasheet HTML 64Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 284 page
background image
• Yes: With hysteresis
• No: Without hysteresis
An empty box means No.
For more information, see the hysteresis values in Section 7.6, Electrical Characteristics.
11. BUFFER TYPE: This column describes the associated output buffer type
An empty box means Not Applicable.
For drive strength of the associated output buffer, refer to Section 7.6, Electrical Characteristics.
12. PULL UP/DOWN TYPE: indicates the presence of an internal pullup or pulldown resistor. Pullup and pulldown resistors can be enabled or disabled
via software.
• PU: Internal pullup
• PD: Internal pulldown
• PU/PD: Internal pullup and pulldown
• An empty box means No pull.
13. DSIS: The deselected input state (DSIS) indicates the state driven on the peripheral input (logic "0", logic "1", or "PIN" level) when the peripheral pin
function is not selected by any of the PINCNTLx registers.
• 0: Logic 0 driven on the input signal port of the peripheral.
• 1: Logic 1 driven on the input signal port of the peripheral.
• An empty box means Not Applicable.
14. RXACTIVE / TXDISABLE:This column indicates the default value of the RXACTIVE / TXDISABLE bits in the PADCONFIG register.
• RXACTIVE: 0 = receiver disabled, 1 = receiver enabled.
• TXDISABLE: 0 = driver enabled, 1 = driver disabled.
• An empty box means Not Applicable.
15. IO Daisy Chain:This column indicates which pins can be included in the daisy chain during low power modes.
Note
Configuring two pins to the same input signal is not supported as it can yield unexpected results. This can be easily prevented with the
proper software configuration (HiZ mode is not an input signal).
Note
When a pad is set into a multiplexing mode which is not defined by pin multiplexing, that pad’s behavior is undefined. This should be
avoided.
AM6548, AM6528, AM6546, AM6526
SPRSP52B – DECEMBER 2019 – REVISED JUNE 2021
www.ti.com
60
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: AM6548 AM6528 AM6546 AM6526



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com