Electronic Components Datasheet Search
  English  ▼

X  

ISOUSB211 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # ISOUSB211
Description  ISOUSB211 High/Full/Low Speed Isolated USB Repeater
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ISOUSB211 Datasheet(HTML) 13 Page - Texas Instruments

Back Button ISOUSB211 Datasheet HTML 9Page - Texas Instruments ISOUSB211 Datasheet HTML 10Page - Texas Instruments ISOUSB211 Datasheet HTML 11Page - Texas Instruments ISOUSB211 Datasheet HTML 12Page - Texas Instruments ISOUSB211 Datasheet HTML 13Page - Texas Instruments ISOUSB211 Datasheet HTML 14Page - Texas Instruments ISOUSB211 Datasheet HTML 15Page - Texas Instruments ISOUSB211 Datasheet HTML 16Page - Texas Instruments ISOUSB211 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 44 page
background image
6.10 Switching Characteristics
Over recommended operating conditions (unless otherwise noted). All typical values are at TA = 25°C, VBUSx = 5 V, V3P3Vx =
3.3 V, V1P8Vx = 1.8 V.
PARAMETER
TEST CONDITIONS
MIN TYP
MAX UNIT
POWER-UP TIMING
TPWRUP
Time taken for the device to power up, and
recognize USB signaling, after valid power
supply is provided on both side 1 and side
2.
All external power supplies are ramped up
together with 5 µs power up time.
3.6
8
ms
UDx, DDx, HS Driver Switching Characteristics
THSR
Rise Time (10% - 90%)
USB 2.0 Spec Section 7.1.2, 45 Ω to GND loads
on D+ and D-, EQxx = 00
310
370
510
ps
THSF
Fall Time (10% - 90%)
USB 2.0 Spec Section 7.1.2, 45 Ω to GND loads
on D+ and D-, EQxx = 00
310
370
510
ps
UDx, DDx, FS Driver Switching Characteristics
TFR
Rise Time (10% - 90%)
USB 2.0 Spec Figures 7-8, 7-9, CL = 50 pF
4
20
ns
TFF
Fall Time (10% - 90%)
USB 2.0 Spec Figures 7-8, 7-9, CL = 50 pF
4
20
ns
TFRFM
Differential Rise and Fall Time Matching
(TFR/TFM)
USB 2.0 Spec 7.1.2, Excluding first transition
from Idle state, Figure 7-9, CL = 50 pF
90
111.1
%
UDx, DDx, LS Driver Switching Characteristics
TLR
Rise Time (10% - 90%)
USB 2.0 Spec Figures 7-8 and 7-10, with
CL range 50 pF to 600 pF.
75
300
ns
TLF
Fall Time (10% - 90%)
USB 2.0 Spec Figures 7-8 and 7-10, with
CL range 50 pF to 600 pF.
75
300
ns
TLRFM
Rise and Fall Time Matching (TLR/TFM),
Excluding first transition from idle state.
USB 2.0 Spec Figures 7-8 and 7-10, with
CL range 50 pF to 600 pF.
80
125
%
REPEATER TIMING - CONNECT, DISCONNECT, RESET, L1, L2
TFILTCONN
Debounce filter on FS or LS Connect
Detection
45
70
80
µs
TDDIS
Time to detect disconnect at the DS facing
port in LS/FS L0 mode.
2
7
µs
TDETRST
Time taken to detect reset on US port in
LS/FS L0 mode
0
7
µs
T2SUSP
Time taken by the US side to detect
suspend (L2) and draw less than 2.5 mA
current when bus is continuously in Idle
3
10
ms
tDRESUMEL1
Maximum time to detect resume on the US
and reflect/drive resume on the DS port
from sleep/L1 state.
1
µs
tDRESUMEL2
Maximum time to detect resume on the US
and reflect/drive resume on the DS port
from suspend/L2 state.
130
µs
tDWAKEL1
Maximum time to detect and propagate
remote wake when in sleep/L1 state.
5
µs
tDWAKEL2
Maximum pulse width of remote wake
that is guranteed to be detected when in
suspend/L2 state.
900
µs
tDRSMPROP
Minimum duration of resume driven
upstream and downstream after detecting
remote wake when in suspend/L2 state.
1
ms
CMTI
Common mode transient immunity
PK-PK common mode noise, VCMPKPK = 1200
V, with (xD+, xD-) set to (V3P3Vx, 0), (0, V3P3Vx)
or (0,0). See Figure 7-3
75
100
kV/µs
www.ti.com
ISOUSB211
SLLSFC5B – NOVEMBER 2021 – REVISED SEPTEMBER 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
13
Product Folder Links: ISOUSB211



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com