Electronic Components Datasheet Search
  English  ▼

X  

ISOUSB211 Datasheet(PDF) 23 Page - Texas Instruments

Click here to check the latest version.
Part # ISOUSB211
Description  ISOUSB211 High/Full/Low Speed Isolated USB Repeater
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ISOUSB211 Datasheet(HTML) 23 Page - Texas Instruments

Back Button ISOUSB211 Datasheet HTML 19Page - Texas Instruments ISOUSB211 Datasheet HTML 20Page - Texas Instruments ISOUSB211 Datasheet HTML 21Page - Texas Instruments ISOUSB211 Datasheet HTML 22Page - Texas Instruments ISOUSB211 Datasheet HTML 23Page - Texas Instruments ISOUSB211 Datasheet HTML 24Page - Texas Instruments ISOUSB211 Datasheet HTML 25Page - Texas Instruments ISOUSB211 Datasheet HTML 26Page - Texas Instruments ISOUSB211 Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 44 page
background image
8.3.11 L1 Power Management State (Sleep) and Resume
The ISOUSB211 device supports the additional L1 or Sleep low power state defined in the USB 2.0 Link Power
Management ECN. When L1 entry is detected from the LS and FS idle state, the ISOUSB211 continues in the
LS or FS idle state, at the same time reducing internal power consumption. If L1 entry is detected from HS idle
state, the ISOSUB211 disables all high-speed circuits to reduce power consumption. The transition to the L1
low-power mode is completed within 50 µs.
Exit from L1 occurs through either Resume signaling from the host, on the upstream facing side of ISOUSB211,
or Remote Wake signaling from the peripheral on the downstream facing side of ISOUSB211 followed by
Resume signaling from the host/hub on the upstream facing side. Start of Resume or Wake are signaled by a ‘K’
state by the host or the device respectively. The end of resume is signalled by the host by driving two low-speed
bit times of SE0 followed by a 'J' state. If the port was operating in high speed before entering the low power
state, end of resume is signaled by the host by transitioning to the high speed idle state. ISOUSB211 is able to
replicate the K signaling appropriately both upstream and downstream. After Resume/Wake signaling the device
returns to LS, FS or HS idle state depending on the state it was in before entering the L1 state.
8.3.12 HS Test Mode Support
USB2.0 standards needs test mode support, where the host/hub or peripheral is expected to enter High Speed
test-modes based on commands received. ISOUSB211 is able to automatically detect test mode entry to enable
HS compliance tests.
8.3.13 CDP Advertising
The ISOUSB211 device supports CDP advertising on both downstream and upstream facing side according to
Battery Charger standard BC 1.2. CDP advertizing is useful when isolating a host or hub, to indicate to the
connected peripheral that the port is capable of supplying 1.5 A of current on VBUS. CDP advertising can be
enabled by connecting the dowsnstream side CDPENZx pin to ground (active low).
8.4 Device Functional Modes
Function Table lists the functional modes for the ISOUSB211 device.
Table 8-1. Function Table
SIDE 1
SUPPLY
VBUS1, V3P3V1
VCC1, V1P8V1 (1)
BUS1
(UD+, UD-)
SIDE 2
SUPPLY
VBUS2, V3P3V2
VCC2, V1P8V2
BUS2
(DD+, DD-)
COMMENTS
Powered
Active
Powered
Active
When both sides are powered, the state-of the bus is reflected
correctly from upstream to downstream and vice-versa.
Powered
15-kΩ PD
Powered
15-kΩ PD
Disconnected state is presented on both upstream and downstream
Powered
15-kΩ PD
Unpowered
Z
If a side is not powered, the bus lines on that side are in high-
impedance state.
Unpowered
Z
Powered
15-kΩ PD
Unpowered
Z
Unpowered
Undetermined
(1)
Powered =( (VBUSx ≥ UV+(VBUSx)) || (VBUSx = V3P3Vx ≥ UV+(V3P3Vx)) ) & ( (VCCx ≥ UV+(VCCx)) || (VCCx = V1P8Vx ≥ UV+(V1P8Vx)) ) ;
Unpowered = ( (VBUSx < UV-(VBUSx)) & (V3P3Vx < UV-(V3P3Vx)) ) || ( (VCCx < UV-(VCCx)) & (V1P8Vx < UV-(V1P8Vx)) ); X = Irrelevant; H = High
level; L = Low level; Z = High impedance
www.ti.com
ISOUSB211
SLLSFC5B – NOVEMBER 2021 – REVISED SEPTEMBER 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
23
Product Folder Links: ISOUSB211



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com