Electronic Components Datasheet Search
  English  ▼

X  

LM5012 Datasheet(PDF) 19 Page - Texas Instruments

Part # LM5012
Description  LM5012 100-V Input, 2.5-A Non-Synchronous Buck DC/DC Converter With Ultra-low IQ
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM5012 Datasheet(HTML) 19 Page - Texas Instruments

Back Button LM5012 Datasheet HTML 15Page - Texas Instruments LM5012 Datasheet HTML 16Page - Texas Instruments LM5012 Datasheet HTML 17Page - Texas Instruments LM5012 Datasheet HTML 18Page - Texas Instruments LM5012 Datasheet HTML 19Page - Texas Instruments LM5012 Datasheet HTML 20Page - Texas Instruments LM5012 Datasheet HTML 21Page - Texas Instruments LM5012 Datasheet HTML 22Page - Texas Instruments LM5012 Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 38 page
background image
OUT
OUT
O
SW
L
IN(nom)
V
V
L
1
F
I
V
§
·
˜ ¨
¸
¨
¸
˜ '
©
¹
(12)
For applications in which the device must support input transients exceeding 72 V, select the inductor to be at
least 22 μH, which ensures that excessive current rise does not occur in the power stage due to the potential
large inductor current slew during in an output short-circuit condition.
Choosing a 120-μH inductor in this design results in 250-mA peak-to-peak ripple current at a nominal input
voltage of 48 V, equivalent to 50% of the 500-mA rated load current. For designs that must operate up to the
maximum input voltage at the full-rated load current of 2.5 A, the inductance must increase to ensure current
limit (IPEAK current limit) is not hit.
Check the inductor data sheet to make sure the saturation current of the inductor is well above the current
limit setting of the LM5012. TI recommends that the saturation current to be greater than 5 A. Ferrite-core
inductors have relatively lower core losses and are preferred at high switching frequencies, but exhibit a hard
saturation characteristic – the inductance collapses abruptly when the saturation current is exceeded. This
results in an abrupt increase in inductor ripple current, higher output voltage ripple, and reduced efficiency,
in turn compromising reliability. Note that inductor saturation current levels generally decrease as the core
temperature increases.
9.2.2.4 Schottky Diode (DSW)
The breakdown voltage rating of the diode is preferred to be 25% higher than the maximum input voltage. In the
target application, the power rating for the diode must exceed the maximum DC output current and support the
peak current limit (IPEAK current limit) for best reliability in most applications.
For example, the LM5012EVM uses the V8P12-M3/86-A Schottky diode. The 120-V breakdown voltage rating
and 8-A current rating ensure that the design can support a 100-V input and a short-circuit condition without
any reliability concern. Furthermore, being that it is a Schottky diode with a low forward voltage and has small
switching losses due to its low junction capacitance, the efficiency figure of the design can be optimized. With
what loss does occur in the device, the package of the diode must be selected so it can have good heat
conduction out of it into the copper ground plane.
9.2.2.5 Output Capacitor (COUT)
Select a ceramic output capacitor to limit the capacitive voltage ripple at the converter output. This is the
sinusoidal ripple voltage that is generated from the triangular inductor current ripple flowing into and out of the
capacitor. Select an output capacitance using Equation 13 to limit the voltage ripple component to 0.5% of the
output voltage.
L
OUT
SW
OUT(ripple)
I
C
8 F
V
'
t
˜
˜
(13)
Substituting ΔIL(nom) of 250 mA gives COUT greater than 3.1 μF. With voltage coefficients of ceramic capacitors
taken in consideration, a 22-µF, 25-V rated capacitor with X7R dielectric is selected.
9.2.2.6 Input Capacitor (CIN)
An input capacitor is necessary to limit the input ripple voltage while providing AC current to the buck power
stage at every switching cycle. To minimize the parasitic inductance in the switching loop, position the input
capacitors as close as possible to the VIN and GND pins of the LM5012. The input capacitors conduct a
square-wave current of peak-to-peak amplitude equal to the output current. It follows that the resultant capacitive
component of AC ripple voltage is a triangular waveform.
Along with the ESR-related ripple component, use Equation 14 to calculate the peak-to-peak ripple voltage
amplitude.
www.ti.com
LM5012
SNVSCA9 – OCTOBER 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
19
Product Folder Links: LM5012



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com