Electronic Components Datasheet Search
  English  ▼

X  

LM5012 Datasheet(PDF) 23 Page - Texas Instruments

Part # LM5012
Description  LM5012 100-V Input, 2.5-A Non-Synchronous Buck DC/DC Converter With Ultra-low IQ
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM5012 Datasheet(HTML) 23 Page - Texas Instruments

Back Button LM5012 Datasheet HTML 19Page - Texas Instruments LM5012 Datasheet HTML 20Page - Texas Instruments LM5012 Datasheet HTML 21Page - Texas Instruments LM5012 Datasheet HTML 22Page - Texas Instruments LM5012 Datasheet HTML 23Page - Texas Instruments LM5012 Datasheet HTML 24Page - Texas Instruments LM5012 Datasheet HTML 25Page - Texas Instruments LM5012 Datasheet HTML 26Page - Texas Instruments LM5012 Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 38 page
background image
VIN = 48 V
VOUT 12 V
Load = 0 A to Short
Figure 9-8. Short-Circuit Recovery
VIN = 48 V
VOUT 12 V
IOUT = 200 mA
Figure 9-9. Light-Load Switching
VIN = 48 V
VOUT = 12 V
IOUT = 2.5 A
Figure 9-10. Full-Load Switching
Filter used for EMC scan. Additionally, the regulator was
housed in an enclosed shield.
Figure 9-11. Suggested EMC Filter for CISPR 25
Class 5 Compliance
VIN = 48 V
VOUT = 12 V
IOUT = 3.5 A
(LM5013-Q1)
Figure 9-12. CISPR 25 Class 5 Conducted Emissions Plot, 150 kHz to 110 MHz
www.ti.com
LM5012
SNVSCA9 – OCTOBER 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
23
Product Folder Links: LM5012



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com