Electronic Components Datasheet Search
  English  ▼

X  

LM324 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # LM324
Description  LMx24, LMx24x, LMx24xx, LM2902, LM2902x, LM2902xx, LM2902xxx Quadruple Operational Amplifiers
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM324 Datasheet(HTML) 11 Page - Texas Instruments

Back Button LM324 Datasheet HTML 7Page - Texas Instruments LM324 Datasheet HTML 8Page - Texas Instruments LM324 Datasheet HTML 9Page - Texas Instruments LM324 Datasheet HTML 10Page - Texas Instruments LM324 Datasheet HTML 11Page - Texas Instruments LM324 Datasheet HTML 12Page - Texas Instruments LM324 Datasheet HTML 13Page - Texas Instruments LM324 Datasheet HTML 14Page - Texas Instruments LM324 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 53 page
background image
6.7 Electrical Characteristics for LMx24 and LM324K
at specified free-air temperature, VCC = 5 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS(1)
TA (2)
LM124, LM224
LM324, LM324K
UNIT
MIN
TYP(3)
MAX
MIN
TYP(3)
MAX
VIO
Input offset voltage
VCC = 5 V to MAX, VIC = VICRmin,
VO = 1.4 V
25°C
3
5
3
7
mV
Full range
7
9
IIO
Input offset current
VO = 1.4 V
25°C
2
30
2
50
nA
Full range
100
150
IIB
Input bias current
VO = 1.4 V
25°C
–20
–150
–20
–250
nA
Full range
–300
–500
VICR
Common-mode input voltage range
VCC = 5 V to MAX
25°C
0 to
VCC – 1.5
0 to
VCC – 1.5
V
Full range
0 to
VCC – 2
0 to
VCC – 2
VOH
High-level output voltage
RL = 2 kΩ
25°C
VCC – 1.5
VCC – 1.5
V
VCC = MAX
RL = 2 kΩ
Full range
26
26
RL ≥ 10 kΩ
Full range
27
28
27
28
VOL
Low-level output voltage
RL ≤ 10 kΩ
Full range
5
20
5
20
mV
AVD
Large-signal differential voltage
amplification
VCC+ = 15 V, VO = 1 V to 11 V,
RL ≥ 2 kΩ
25°C
50
100
25
100
V/mV
Full range
25
15
CMRR
Common-mode rejection ratio
VIC = VICRmin
25°C
70
80
65
80
dB
kSVR
Supply-voltage rejection ratio
(ΔVCC /ΔVIO)
25°C
65
100
65
100
dB
VO1/ VO2
Crosstalk attenuation
f = 1 kHz to 20 kHz
25°C
120
120
dB
IO
Output current
VCC = 15 V,
VID = 1 V,
VO = 0
Source
25°C
–20
–30
–60
–20
–30
–60
mA
Full range
–10
–10
VCC = 15 V,
VID = –1 V,
VO = 15 V
Sink
25°C
10
20
10
20
Full range
5
5
VID = –1 V, VO = 200 mV
25°C
12
30
12
30
μA
IOS
Short-circuit output current
VCC at 5 V, VO = 0,
VCC- at –5 V
25°C
±40
±60
±40
±60
mA
ICC
Supply current (four amplifiers)
VO = 2.5 V, no load
Full range
0.7
1.2
0.7
1.2
mA
VCC = MAX, VO = 0.5 VCC,
no load
Full range
1.4
3
1.4
3
(1)
All characteristics are measured under open-loop conditions, with zero common-mode input voltage, unless otherwise specified. MAX
VCC for testing purposes is 26 V for LM2902 and 30 V for the others.
(2)
Full range is –55°C to +125°C for LM124, –25°C to +85°C for LM224, and 0°C to 70°C for LM324.
(3)
All typical values are at TA = 25°C.
www.ti.com
LM124, LM124A, LM224, LM224A, LM224K, LM224KA
LM324, LM324A, LM324B, LM324K, LM324KA
LM2902, LM2902B, LM2902K, LM2902KV, LM2902KAV
SLOS066Y – SEPTEMBER 1975 – REVISED OCTOBER 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
11
Product Folder Links: LM124 LM124A LM224 LM224A LM224K LM224KA LM324 LM324A LM324B LM324K
LM324KA LM2902 LM2902B LM2902K LM2902KV LM2902KAV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com