Electronic Components Datasheet Search
  English  ▼

X  

LM324 Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
Part # LM324
Description  LMx24, LMx24x, LMx24xx, LM2902, LM2902x, LM2902xx, LM2902xxx Quadruple Operational Amplifiers
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM324 Datasheet(HTML) 14 Page - Texas Instruments

Back Button LM324 Datasheet HTML 10Page - Texas Instruments LM324 Datasheet HTML 11Page - Texas Instruments LM324 Datasheet HTML 12Page - Texas Instruments LM324 Datasheet HTML 13Page - Texas Instruments LM324 Datasheet HTML 14Page - Texas Instruments LM324 Datasheet HTML 15Page - Texas Instruments LM324 Datasheet HTML 16Page - Texas Instruments LM324 Datasheet HTML 17Page - Texas Instruments LM324 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 53 page
background image
6.11 Typical Characteristics
This typical characteristics section is applicable for LM324B and LM2902B. Typical characteristics data in this section was
taken with TA = 25°C, VS = 36 V (±18 V), VCM = VS / 2, RLOAD = 10 kΩ connected to VS / 2 (unless otherwise noted).
Offset Voltage (µV)
-3000
-1800
-600
600
1800
3000
0
2.5
5
7.5
10
12.5
15
17.5
20
Figure 6-1. Offset Voltage Production Distribution
Figure 6-2. Offset Voltage Drift Distribution
Figure 6-3. Offset Voltage vs Temperature
VCM (V)
-18
-14
-10
-6
-2
2
6
10
14
-3000
-2400
-1800
-1200
-600
0
600
1200
1800
2400
3000
Figure 6-4. Offset Voltage vs Common-Mode Voltage
Frequency (Hz)
-20
-30
-10
-15
0
0
10
15
20
30
30
45
40
60
50
75
60
90
70
105
80
120
90
135
100
150
100
1k
10k
100k
1M
Gain, VS = 36 V
Phase, VS = 36 V
Gain, VS = 5 V
Phase, VS = 5 V
Figure 6-5. Open-Loop Gain and Phase vs Frequency
Figure 6-6. Closed-Loop Gain vs Frequency
LM124, LM124A, LM224, LM224A, LM224K, LM224KA
LM324, LM324A, LM324B, LM324K, LM324KA
LM2902, LM2902B, LM2902K, LM2902KV, LM2902KAV
SLOS066Y – SEPTEMBER 1975 – REVISED OCTOBER 2022
www.ti.com
14
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: LM124 LM124A LM224 LM224A LM224K LM224KA LM324 LM324A LM324B LM324K
LM324KA LM2902 LM2902B LM2902K LM2902KV LM2902KAV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com