Electronic Components Datasheet Search
  English  ▼

X  

OPA863 Datasheet(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
Part # OPA863
Description  OPAx863 Low-Power, 110-MHz, Rail-to-Rail Input and Output Amplifier
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA863 Datasheet(HTML) 17 Page - Texas Instruments

Back Button OPA863 Datasheet HTML 13Page - Texas Instruments OPA863 Datasheet HTML 14Page - Texas Instruments OPA863 Datasheet HTML 15Page - Texas Instruments OPA863 Datasheet HTML 16Page - Texas Instruments OPA863 Datasheet HTML 17Page - Texas Instruments OPA863 Datasheet HTML 18Page - Texas Instruments OPA863 Datasheet HTML 19Page - Texas Instruments OPA863 Datasheet HTML 20Page - Texas Instruments OPA863 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 49 page
background image
7.9 Typical Characteristics: VS = 10 V (continued)
at VS+ = 5 V, VS– = –5 V, RF = 0 Ω for Gain = 1 V/V, otherwise RF = 1 kΩ for other gains, CL = 1 pF, RL = 2 kΩ referenced to
mid-supply, G = 1 V/V, input and output referenced to mid-supply, and TA
≅ 25°C (unless otherwise noted)
Ambient Temperature (°C)
-40
-20
0
20
40
60
80
100
120
140
50
100
150
200
250
300
350
400
450
500
550
600
650
700
35 units
Figure 7-25. Input Bias Current vs Ambient Temperature
Ambient Temperature (°C)
-40
-20
0
20
40
60
80
100
120
-150
-125
-100
-75
-50
-25
0
25
50
75
100
Normalized to 25°C values, 35 units, DGK package
Figure 7-26. Input Offset Voltage vs Ambient Temperature
Time (2.5
s/div)
-8
-6
-4
-2
0
2
4
6
8
VPD
VOUTx10
.
Figure 7-27. Turn-On Time to DC Input
Time (2.5
s/div)
-8
-6
-4
-2
0
2
4
6
8
VPD
VOUTx10
.
Figure 7-28. Turn-Off Time to DC Input
Power-Down Quiescent Current (
A)
0
2000
4000
6000
8000
1.6
1.5
1.7
1.8
1.9
2.0
2.1
2.2
μ = 1.86 μA, σ = 0.076 μA
Figure 7-29. Power-Down Quiscent Current Distribution
Ambient Temperature (
C)
-60
-40
-20
0
20
40
60
80
100 120 140
0
0.4
0.8
1.2
1.6
2
2.4
2.8
.
Figure 7-30. Power-Down IQ vs Ambient Temperature
www.ti.com
OPA863, OPA2863, OPA4863
SBOS982H – JUNE 2020 – REVISED AUGUST 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
17
Product Folder Links: OPA863 OPA2863 OPA4863



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com