Electronic Components Datasheet Search
  English  ▼

X  

OPA863 Datasheet(PDF) 20 Page - Texas Instruments

Click here to check the latest version.
Part # OPA863
Description  OPAx863 Low-Power, 110-MHz, Rail-to-Rail Input and Output Amplifier
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA863 Datasheet(HTML) 20 Page - Texas Instruments

Back Button OPA863 Datasheet HTML 16Page - Texas Instruments OPA863 Datasheet HTML 17Page - Texas Instruments OPA863 Datasheet HTML 18Page - Texas Instruments OPA863 Datasheet HTML 19Page - Texas Instruments OPA863 Datasheet HTML 20Page - Texas Instruments OPA863 Datasheet HTML 21Page - Texas Instruments OPA863 Datasheet HTML 22Page - Texas Instruments OPA863 Datasheet HTML 23Page - Texas Instruments OPA863 Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 49 page
background image
7.11 Typical Characteristics: VS = 3 V to 10 V
at VOUT = 2 VPP, RF = 0 Ω for Gain = 1 V/V, otherwise RF = 1 kΩ for other gains, CL = 1 pF, RL = 2 kΩ referenced to
mid-supply, G = 1 V/V, input and output referenced to mid-supply, and TA ≅ 25°C (unless otherwise noted)
Frequency (Hz)
-12
-9
-6
-3
0
3
100k
1M
10M
100M
VS = 10 V
VS = 5 V
VS = 3 V
VOUT = 20 mVPP
Figure 7-43. Frequency Response vs Supply Voltage
Frequency (Hz)
-12
-9
-6
-3
0
3
100k
1M
10M
100M
VS = 10 V
VS = 5 V
VS = 3 V
VOUT = 1 VPP
Figure 7-44. Frequency Response vs Supply Voltage
Frequency (Hz)
10
100
1k
10k
100k
1M
1
10
100
D401
.
Figure 7-45. Input Voltage Noise Density vs Frequency
Frequency (Hz)
10
100
1k
10k
100k
1M
1
10
Main Stage
Auxiliary Stage
.
Figure 7-46. Input Current Noise Density vs Frequency
Frequency (Hz)
20
40
60
80
100
120
140
100
1k
10k
100k
1M
10M
.
Figure 7-47. Common-Mode Rejection Ratio vs Frequency
Frequency (Hz)
-20
0
20
40
60
80
100
120
140
1
10
100
1k
10k
100k
1M
10M
PSRR−
PSRR+
.
Figure 7-48. Power Supply Rejection Ratio vs Frequency
OPA863, OPA2863, OPA4863
SBOS982H – JUNE 2020 – REVISED AUGUST 2022
www.ti.com
20
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: OPA863 OPA2863 OPA4863



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com