Electronic Components Datasheet Search
  English  ▼

X  

BVM Datasheet(PDF) 2 Page - Stackpole Electronics, Inc.

Part # BVM
Description  Ceramic Housed Vertical Bracket Mount Resistor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEI [Stackpole Electronics, Inc.]
Direct Link  https://www.seielect.com/
Logo SEI - Stackpole Electronics, Inc.

BVM Datasheet(HTML) 2 Page - Stackpole Electronics, Inc.

  BVM Datasheet HTML 1Page - Stackpole Electronics, Inc. BVM Datasheet HTML 2Page - Stackpole Electronics, Inc. BVM Datasheet HTML 3Page - Stackpole Electronics, Inc. BVM Datasheet HTML 4Page - Stackpole Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Rev Date: 11/30/2020
2
www.seielect.com
This specification may be changed at any time without prior notice.
marketing@seielect.com
Please confirm technical specifications before you order and/or use.
BVM Series
Ceramic Housed Vertical Bracket Mount Resistor
Stackpole Electronics, Inc.
Resistive Product Solutions
Power Derating Curve:
Recommended Solder Profile
This information is intended as a reference for solder profiles for Stackpole resistive components. These profiles should
be compatible with most soldering processes. These are only recommendations. Actual numbers will depend on board
density, geometry, packages used, etc., especially those cells labeled with “*”.
100% Matte Tin / RoHS Compliant Terminations
Soldering iron recommended temperatures: 330°C to 350°C with minimum duration.
Maximum number of reflow cycles: 3.
Mechanical Specifications (cont.)
Performance Characteristics
Test
Test Specification
Moisture Resistance
± 5%
Thermal Shock
± 2%
Load Life @ 70
C - 1000 hours
± 5%
Resistance to Soldering Heat
± 2%
Short Time Overload - 5 x Pn for 5 seconds
± 2%
Dielectric Withstanding Voltage
± 2%
Operating temperature range is -55°C to +275°C
Type/Code
Unit
0.197 ± 0.059
0.354 ± 0.039
0.866 ± 0.039
0.197 ± 0.079
0.394 ± 0.079
inches
5.00 ± 1.50
9.00 ± 1.00
22.00 ± 1.00
5.00 ± 2.00
10.00 ± 2.00
mm
0.197 ± 0.059
0.354 ± 0.039
1.378 ± 0.039
0.394 ± 0.079
0.394 ± 0.079
inches
5.00 ± 1.50
9.00 ± 1.00
35.00 ± 1.00
10.00 ± 2.00
10.00 ± 2.00
mm
0.197 ± 0.059
0.354 ± 0.039
1.890 ± 0.039
0.394 ± 0.079
0.394 ± 0.079
inches
5.00 ± 1.50
9.00 ± 1.00
48.00 ± 1.00
10.00 ± 2.00
10.00 ± 2.00
mm
0.264 ± 0.059
0.492 ± 0.039
1.929 ± 0.039
0.394 ± 0.079
0.492 ± 0.079
inches
6.70 ± 1.50
12.50 ± 1.00
49.00 ± 1.00
10.00 ± 2.00
12.50 ± 2.00
mm
0.276 ± 0.059
0.512 ± 0.039
2.362 ± 0.039
0.394 ± 0.079
0.512 ± 0.079
inches
7.00 ± 1.50
13.00 ± 1.00
60.00 ± 1.00
10.00 ± 2.00
13.00 ± 2.00
mm
0.276 ± 0.059
0.512 ± 0.039
2.362 ± 0.039
0.394 ± 0.079
0.512 ± 0.079
inches
7.00 ± 1.50
13.00 ± 1.00
60.00 ± 1.00
10.00 ± 2.00
13.00 ± 2.00
mm
BVM25
BVM15
BVM7
BVM10
BVM5
W
BVM20
D
E
L
P



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com