Electronic Components Datasheet Search
  English  ▼

X  

BVM Datasheet(PDF) 1 Page - Stackpole Electronics, Inc.

Part # BVM
Description  Ceramic Housed Vertical Bracket Mount Resistor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEI [Stackpole Electronics, Inc.]
Direct Link  https://www.seielect.com/
Logo SEI - Stackpole Electronics, Inc.

BVM Datasheet(HTML) 1 Page - Stackpole Electronics, Inc.

  BVM Datasheet HTML 1Page - Stackpole Electronics, Inc. BVM Datasheet HTML 2Page - Stackpole Electronics, Inc. BVM Datasheet HTML 3Page - Stackpole Electronics, Inc. BVM Datasheet HTML 4Page - Stackpole Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Rev Date: 11/30/2020
1
www.seielect.com
This specification may be changed at any time without prior notice.
marketing@seielect.com
Please confirm technical specifications before you order and/or use.
BVM Series
Ceramic Housed Vertical Bracket Mount Resistor
Stackpole Electronics, Inc.
Resistive Product Solutions
Features:
•
Flameproof inorganic construction
•
High temperature potting compound
•
Non-inductive available up to 50Ω
•
100% RoHS compliant and lead free without exemption
•
Halogen free
•
REACH compliant
Electrical Specifications
Mechanical Specifications
Wirewound
Metal Oxide
5%
5%
BVM5
5
350
± 300
0.1 - 200
200 - 50K
BVM7
7
500
± 300
0.1 - 300
300 - 50K
BVM10
10
500
± 300
0.1 - 500
500 - 50K
BVM15
15
540
± 300
0.1 - 680
680 - 50K
BVM20
20
600
± 300
0.1 - 820
820 - 50K
BVM25
25
600
± 300
0.1 - 820
820 - 15K
Maximum Working voltage is limited by
Type/Code
Power Rating (W)
@ 70ºC
TCR (ppm/ºC)
Max Working
Voltage (V)
Ohmic Range (Ω) and Tolerance
√ P*R
Type/Code
Unit
0.433 ± 0.039
0.433 ± 0.039
0.157 ± 0.024
0.197 ± 0.118
0.394 ± 0.039
inches
11.00 ± 1.00
11.00 ± 1.00
4.00 ± 0.60
5.00 ± 3.00
10.00 ± 1.00
mm
0.433 ± 0.039
0.433 ± 0.039
0.157 ± 0.024
0.197 ± 0.118
0.394 ± 0.039
inches
11.00 ± 1.00
11.00 ± 1.00
4.00 ± 0.60
5.00 ± 3.00
10.00 ± 1.00
mm
0.433 ± 0.039
0.433 ± 0.039
0.157 ± 0.024
0.197 ± 0.118
0.394 ± 0.039
inches
11.00 ± 1.00
11.00 ± 1.00
4.00 ± 0.60
5.00 ± 3.00
10.00 ± 1.00
mm
0.571 ± 0.039
0.571 ± 0.039
0.157 ± 0.024
0.197 ± 0.118
0.500 ± 0.039
inches
14.50 ± 1.00
14.50 ± 1.00
4.00 ± 0.60
5.00 ± 3.00
12.70 ± 1.00
mm
0.591 ± 0.039
0.591 ± 0.039
0.157 ± 0.024
0.197 ± 0.118
0.500 ± 0.039
inches
15.00 ± 1.00
15.00 ± 1.00
4.00 ± 0.60
5.00 ± 3.00
12.70 ± 1.00
mm
0.591 ± 0.039
0.591 ± 0.039
0.157 ± 0.024
0.197 ± 0.118
0.500 ± 0.039
inches
15.00 ± 1.00
15.00 ± 1.00
4.00 ± 0.60
5.00 ± 3.00
12.70 ± 1.00
mm
B
BVM5
BVM7
BVM10
BVM15
(G)
BVM20
BVM25
(A)
(C)
(F)


Similar Part No. - BVM

ManufacturerPart #DatasheetDescription
logo
Bright View Electronic ...
BVM-S405RGB2S BVLED-BVM-S405RGB2S Datasheet
305Kb / 5P
RGB STRIP LIGHT
BVM-S420CW3 BVLED-BVM-S420CW3 Datasheet
264Kb / 7P
LED STRIP LIGHT
BVM-S420CW3WS BVLED-BVM-S420CW3WS Datasheet
264Kb / 7P
LED STRIP LIGHT
BVM-S450 BVLED-BVM-S450 Datasheet
138Kb / 7P
LED STRIP LIGHT
BVM-S450B3S BVLED-BVM-S450B3S Datasheet
138Kb / 7P
LED STRIP LIGHT
More results

Similar Description - BVM

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
KALSERIES ETC-KALSERIES Datasheet
285Kb / 3P
Aluminum Housed Surface Mount Resistor
logo
TE Connectivity Ltd
HCF TEC-HCF Datasheet
204Kb / 5P
Aluminium Housed Braking Resistor
logo
Stackpole Electronics, ...
KAL SEI-KAL Datasheet
338Kb / 5P
Aluminum Housed Chassis Mount Resistor
2/26/2021
LCB SEI-LCB Datasheet
277Kb / 3P
Ceramic Housed Current Sensing Resistor with 2 Leads
11/30/2020
LVM SEI-LVM Datasheet
250Kb / 4P
Ceramic Housed Vertical Mount Resistor
11/30/2020
MCB SEI-MCB Datasheet
329Kb / 4P
Ceramic Housed with Axial Leads Power Resistor
4/13/2021
MVM SEI-MVM Datasheet
255Kb / 4P
Ceramic Housed Vertical Mount Resistor
3/16/2021
NSZ SEI-NSZ Datasheet
319Kb / 6P
Ceramic Housed Wirewound Resistor with Specialty Leads
02/17/2021
WCB SEI-WCB Datasheet
243Kb / 4P
Welded Ceramic Housed Axial Leaded Wirewound Resistor
7/8/2022
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com