Electronic Components Datasheet Search
  English  ▼

X  

HCC Datasheet(PDF) 2 Page - Stackpole Electronics, Inc.

Part # HCC
Description  High Current Chassis Mount Shunt Resistor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEI [Stackpole Electronics, Inc.]
Direct Link  https://www.seielect.com/
Logo SEI - Stackpole Electronics, Inc.

HCC Datasheet(HTML) 2 Page - Stackpole Electronics, Inc.

  HCC Datasheet HTML 1Page - Stackpole Electronics, Inc. HCC Datasheet HTML 2Page - Stackpole Electronics, Inc. HCC Datasheet HTML 3Page - Stackpole Electronics, Inc. HCC Datasheet HTML 4Page - Stackpole Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Rev Date: 10/22/2020
2
www.seielect.com
This specification may be changed at any time without prior notice.
marketing@seielect.com
Please confirm technical specifications before you order and/or use.
HCC Series
High Current Chassis Mount Shunt Resistor
Stackpole Electronics, Inc.
Resistive Product Solutions
Power Derating Curve:
Recommended Solder Profile
This information is intended as a reference for solder profiles for Stackpole resistive components. These profiles should
be compatible with most soldering processes. These are only recommendations. Actual numbers will depend on board
density, geometry, packages used, etc., especially those cells labeled with “*”.
100% Matte Tin / RoHS Compliant Terminations
Soldering iron recommended temperatures: 330°C to 350°C with minimum duration.
Maximum number of reflow cycles: 3.
Environmental Performance Characteristics (cont.)
Wave Soldering
Item
Test Condition
Specification
Note: The surface temperature of component should be below 100ºC.
Storage Conditions: 22ºC ~ 28ºC. Humidity: 40 ~ 75%
Operating temperature range is -55°C to +170°C
Rapid Change of
Temperature
The part (mounted on board) is exposed, -55ºC ± 3ºC (30 minutes)/
+125ºC ± 2ºC (30 minutes) for 5 cycles. The following conditions
are as the figure below. (JIS_C5202-7.4)
ΔR: ± (1% + 0.0005 Ω)
Description
Maximum
Recommended
Minimum
Preheat Time
80 seconds
70 seconds
60 seconds
Temperature Diff.
140°C
120°C
100°C
Solder Temp.
260°C
250°C
240°C
Dwell Time at Max.
10 seconds
5 seconds
*
Ramp DN (°C/sec)
N/A
N/A
N/A
Temperature Diff. = Difference between final preheat stage and soldering stage.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com