Electronic Components Datasheet Search
  English  ▼

X  

HCC Datasheet(PDF) 1 Page - Stackpole Electronics, Inc.

Part # HCC
Description  High Current Chassis Mount Shunt Resistor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEI [Stackpole Electronics, Inc.]
Direct Link  https://www.seielect.com/
Logo SEI - Stackpole Electronics, Inc.

HCC Datasheet(HTML) 1 Page - Stackpole Electronics, Inc.

  HCC Datasheet HTML 1Page - Stackpole Electronics, Inc. HCC Datasheet HTML 2Page - Stackpole Electronics, Inc. HCC Datasheet HTML 3Page - Stackpole Electronics, Inc. HCC Datasheet HTML 4Page - Stackpole Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Rev Date: 10/22/2020
1
www.seielect.com
This specification may be changed at any time without prior notice.
marketing@seielect.com
Please confirm technical specifications before you order and/or use.
HCC Series
High Current Chassis Mount Shunt Resistor
Stackpole Electronics, Inc.
Resistive Product Solutions
Features:
•
15W up to 350A at 0.1mΩ
•
Excellent long-term stability
•
HCC8420 is qualified to AEC-Q200
•
100% RoHS compliant and lead free without exemption
•
Halogen free
•
REACH compliant
Applications:
•
Power modules
•
Frequency converters
•
Current sensor for power hybrid sources
•
High current for automotive
Electrical Specifications
Environmental Performance Characteristics
Mechanical Specifications
Ohmic Range (Ω) and Tolerance
5%
HCC8420
15
± 100
0.0001
Type / Code
Power Rating (W)
TCR (ppm/ºC)
Type/Code
Unit
0.787 ± 0.008
3.307 ± 0.008
0.343 ± 0.008
0.118 ± 0.008
2.362 ± 0.008
inches
20.00 ± 0.20
84.00 ± 0.20
8.70 ± 0.20
3.00 ± 0.20
60.00 ± 0.20
mm
0.709 ± 0.008
0.327 ± 0.004
0.079 ± 0.004
0.079 ± 0.008
18.00 ± 0.20
8.30 ± 0.10
2.00 ± 0.10
2.00 ± 0.20
A
B
D
E
C
F
G
H
I
HCC8420
Unit
inches
mm
Item
Test Condition
Specification
Short Time Overload
5 times rated power for 5 seconds (JIS-C5202-5.5)
ΔR: ± (1% + 0.0005 Ω)
+25ºC/+125ºC (JIS-C5202-5.2)
High Temperature Exposure
The part (mounted on board) is exposed in the heat chamber,
125ºC for 1000 hour (JIS-C5202-7.2)
ΔR: ± (1% + 0.0005 Ω)
Load Life
Apply rated power at 70ºC ± 2ºC for 1000 hours with 1.5 hours
ON and 0.5 hour OFF. (JIS-C5202-7.10)
ΔR: ± (1% + 0.0005 Ω)
Moisture Resistance
The specimens shall be placed in a chamber and subjected to a relative
humidity of 90% ~ 98% and a temperature of 25ºC/65ºC, 10 cycles.
(MIL-STD-202, Method 106)
ΔR: ± (1% + 0.0005 Ω)
Temperature Coefficient of
Resistance (TCR)
Refer to
Electrical Specifications
Δ R
6
R x
Δ t
x
10
TCR (ppm/ºC) =


Similar Part No. - HCC

ManufacturerPart #DatasheetDescription
logo
HolyStone International
HCC HOLYSTONECAPS-HCC Datasheet
213Kb / 2P
High Capacitance MLCC - 1uF and above
logo
ML Accessories Limited....
HCC KNIGHTSBRIDGE-HCC Datasheet
208Kb / 1P
Chrome Hole Converter Kit
25/04/2024
logo
Structured Cable Produc...
HCC-14 STRUCTURED-CABLE-HCC-14 Datasheet
436Kb / 1P
14" PANEL WITH COVER
04/16
HCC-18 STRUCTURED-CABLE-HCC-18 Datasheet
651Kb / 1P
18" STRUCTURED PANEL
04/16
HCC-18-BOX STRUCTURED-CABLE-HCC-18-BOX Datasheet
2Mb / 1P
18 INCH METAL BOX ENCLOSURE W/ ELECTRIC KNOCKOUT
Rev 08/2020
More results

Similar Description - HCC

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
PWR220S BOURNS-PWR220S Datasheet
301Kb / 4P
Shunt Resistor
PWR10020S BOURNS-PWR10020S Datasheet
220Kb / 1P
Shunt Resistor
logo
Bi technologies
BHCS BITECH-BHCS Datasheet
407Kb / 1P
HIGH CURRENT CHASSIS MOUNT SHUNT RESISTORS
logo
Texas Instruments
INA250A1 TI1-INA250A1 Datasheet
1Mb / 33P
Current-Shunt Monitor with Precision Integrated Shunt Resistor
INA250-Q1 TI1-INA250-Q1 Datasheet
125Kb / 8P
Current-Shunt Monitor with Precision Integrated Shunt Resistor
logo
YAGEO Corporation
PU3921FKM130R001L YAGEO-PU3921FKM130R001L Datasheet
718Kb / 9P
SHUNT RESISTOR
logo
Stackpole Electronics, ...
HCS SEI-HCS Datasheet
625Kb / 11P
High Current Metal Element Shunt Resistor
5/12/2022
HCSM SEI-HCSM Datasheet
305Kb / 5P
High Power Metal Element Current Shunt Resistor
4/18/2022
KAL SEI-KAL Datasheet
338Kb / 5P
Aluminum Housed Chassis Mount Resistor
2/26/2021
logo
Eaton All Rights Reserv...
CHSA EATON-CHSA Datasheet
539Kb / 6P
SMD current sensing resistor-metal shunt
September 2022
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com