Electronic Components Datasheet Search
  English  ▼

X  

LPM Datasheet(PDF) 5 Page - Stackpole Electronics, Inc.

Part # LPM
Description  Miniature SMD Power Inductor
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEI [Stackpole Electronics, Inc.]
Direct Link  https://www.seielect.com/
Logo SEI - Stackpole Electronics, Inc.

LPM Datasheet(HTML) 5 Page - Stackpole Electronics, Inc.

  LPM Datasheet HTML 1Page - Stackpole Electronics, Inc. LPM Datasheet HTML 2Page - Stackpole Electronics, Inc. LPM Datasheet HTML 3Page - Stackpole Electronics, Inc. LPM Datasheet HTML 4Page - Stackpole Electronics, Inc. LPM Datasheet HTML 5Page - Stackpole Electronics, Inc. LPM Datasheet HTML 6Page - Stackpole Electronics, Inc. LPM Datasheet HTML 7Page - Stackpole Electronics, Inc. LPM Datasheet HTML 8Page - Stackpole Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Rev Date: 11/21/2019
5
www.seielect.com
This specification may be changed at any time without prior notice.
marketing@seielect.com
Please confirm technical specifications before you order and/or use.
LPM Series
Miniature SMD Power Inductor
Stackpole Electronics, Inc.
Resistive Product Solutions
Electrical Specifications – LPM1813(C)
Electrical Specifications – LPM2220(C)
Electrical Specifications – LPM1813 (cont.)
LPM1813 _ T681
680
5%, 10%
1 KHz, 0.1 V
17
0.065
LPM1813 _ T821
820
5%, 10%
1 KHz, 0.1 V
20.5
0.06
LPM1813 _ T102
1000
5%, 10%
1 KHz, 0.1 V
25
0.05
LPM1813 _ T122
1200
5%, 10%
1 KHz, 0.1 V
30
0.045
LPM1813 _ T152
1500
5%, 10%
1 KHz, 0.1 V
37
0.04
LPM1813 _ T182
1800
5%, 10%
1 KHz, 0.1 V
45
0.035
LPM1813 _ T222
2200
5%, 10%
1 KHz, 0.1 V
50
0.03
IDC (A)
max
Type / Code
L
(uH)
Tolerance
Test
Condition
DCR (Ω)
max
LPM1813MTC1R0
1.0
20%
1 MHz, 0.1 V
0.08
1.08
LPM1813MTC1R5
1.5
20%
1 MHz, 0.1 V
0.09
1
LPM1813MTC2R2
2.2
20%
1 MHz, 0.1 V
0.11
0.9
LPM1813MTC3R3
3.3
20%
1 MHz, 0.1 V
0.13
0.8
LPM1813 _ TC4R7
4.7
10%, 20%
1 MHz, 0.1 V
0.15
0.75
LPM1813 _ TC6R8
6.8
10%, 20%
1 MHz, 0.1 V
0.2
0.72
LPM1813 _ TC100
10
5%, 10%
1 MHz, 0.1 V
0.24
0.65
LPM1813 _ TC150
15
5%, 10%
1 MHz, 0.1 V
0.32
0.57
LPM1813 _ TC220
22
5%, 10%
1 MHz, 0.1 V
0.6
0.42
LPM1813 _ TC330
33
5%, 10%
1 MHz, 0.1 V
1
0.31
LPM1813 _ TC470
47
5%, 10%
1 MHz, 0.1 V
1.1
0.28
LPM1813 _ TC680
68
5%, 10%
1 MHz, 0.1 V
1.7
0.22
LPM1813 _ TC101
100
5%, 10%
1 MHz, 0.1 V
2.2
0.19
LPM1813 _ TC151
150
5%, 10%
1 MHz, 0.1 V
3.5
0.13
LPM1813 _ TC221
220
5%, 10%
1 MHz, 0.1 V
4
0.11
LPM1813 _ TC331
330
5%, 10%
1 MHz, 0.1 V
6.8
0.1
LPM1813 _ TC471
470
5%, 10%
1 KHz, 0.1 V
8.5
0.09
IDC (A)
max
Type / Code
L
(uH)
Tolerance
Test
Condition
DCR (Ω)
max
LPM2220MTCR12
0.12
20%
1 MHz, 0.1 V
0.0098
6
LPM2220MTCR27
0.27
20%
1 MHz, 0.1 V
0.014
5.3
LPM2220MTCR47
0.47
20%
1 MHz, 0.1 V
0.0182
4.8
LPM2220MTC1R0
1.0
20%
1 MHz, 0.1 V
0.027
4
LPM2220MTC1R5
1.5
20%
1 MHz, 0.1 V
0.031
3.7
LPM2220MTC2R2
2.2
20%
1 MHz, 0.1 V
0.041
3.2
LPM2220MTC3R3
3.3
20%
1 MHz, 0.1 V
0.05
2.9
LPM2220MTC4R7
4.7
20%
1 MHz, 0.1 V
0.574
2.7
LPM2220MTC6R8
6.8
20%
1 MHz, 0.1 V
0.104
2
LPM2220 _ TC100
10
10%, 20%
1 MHz, 0.1 V
0.13
1.7
LPM2220 _ TC150
15
10%, 20%
1 MHz, 0.1 V
0.21
1.4
LPM2220 _ TC220
22
10%, 20%
1 MHz, 0.1 V
0.266
1.2
LPM2220 _ TC270
27
10%, 20%
1 MHz, 0.1 V
0.3
1
LPM2220 _ TC330
33
10%, 20%
1 MHz, 0.1 V
0.448
0.9
LPM2220 _ TC470
47
10%, 20%
1 MHz, 0.1 V
0.56
0.8
LPM2220 _ TC680
68
10%, 20%
1 MHz, 0.1 V
0.938
0.64
LPM2220 _ TC101
100
10%, 20%
100 KHz, 0.1 V
1.204
0.56
LPM2220 _ TC151
150
10%, 20%
100 KHz, 0.1 V
2.66
0.42
LPM2220 _ TC221
220
10%, 20%
100 KHz, 0.1 V
3.36
0.32
LPM2220 _ TC331
330
10%, 20%
100 KHz, 0.1 V
6.16
0.27
LPM2220 _ TC471
470
10%, 20%
100 KHz, 0.1 V
7.56
0.24
IDC (A)
max
Type / Code
L
(uH)
Tolerance
Test
Condition
DCR (Ω)
max



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com