Electronic Components Datasheet Search
  English  ▼

X  

LPM Datasheet(PDF) 8 Page - Stackpole Electronics, Inc.

Part # LPM
Description  Miniature SMD Power Inductor
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEI [Stackpole Electronics, Inc.]
Direct Link  https://www.seielect.com/
Logo SEI - Stackpole Electronics, Inc.

LPM Datasheet(HTML) 8 Page - Stackpole Electronics, Inc.

  LPM Datasheet HTML 1Page - Stackpole Electronics, Inc. LPM Datasheet HTML 2Page - Stackpole Electronics, Inc. LPM Datasheet HTML 3Page - Stackpole Electronics, Inc. LPM Datasheet HTML 4Page - Stackpole Electronics, Inc. LPM Datasheet HTML 5Page - Stackpole Electronics, Inc. LPM Datasheet HTML 6Page - Stackpole Electronics, Inc. LPM Datasheet HTML 7Page - Stackpole Electronics, Inc. LPM Datasheet HTML 8Page - Stackpole Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
Rev Date: 11/21/2019
8
www.seielect.com
This specification may be changed at any time without prior notice.
marketing@seielect.com
Please confirm technical specifications before you order and/or use.
LPM Series
Miniature SMD Power Inductor
Stackpole Electronics, Inc.
Resistive Product Solutions
Dimension
2.5x2.0x1.02
Code
Description
Code
Code
2.5x2.0x1.2
Blank General Use
-
R12
2.5x2.5x1.05
C
Choke Use
S
120
3.2x2.5x1.55
101
3.2x2.5x2.0
102
4.5x3.2x2.6
5.7x5.0x4.7
Description
Standard
Shielded
± 30%
322520(C)
M
N
12μH
± 10%
± 20%
100μH
1000μH
K
453226(C)
575047(C)
252012
252510
322515(C)
Product Series
Special
Inductance
SMD
Choke Chip
VLH
Tolerance
Tol
± 5%
252010
Code
Inductance
0.12μH
Code
J
Special
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
V
L
H
4
5
3
2
2
6
C
-
1
0
1
K
“Conflict Metals” Commitment
We at Stackpole Electronics, Inc. are joined with our industry in opposing the use of metals mined in the “conflict region” of the eastern
Democratic Republic of the Congo (DRC) in our products. Recognizing that the supply chain for metals used in the electronics industry
is very complex, we work closely with our own suppliers to verify to the extent possible that the materials and products we supply do
not contain metals sourced from this conflict region. As such, we are in compliance with the requirements of Dodd-Frank Act regarding
Conflict Minerals.
Compliance to “REACH”
We certify that all passive components supplied by Stackpole Electronics, Inc. are SVHC (Substances of Very High Concern) free and
compliant with the requirements of EU Directive 1907/2006/EC, “The Registration, Evaluation, Authorization and Restriction of
Chemicals”, otherwise referred to as REACH. Contact us for complete list of REACH Substance Candidate List.
Environmental Policy
It is the policy of Stackpole Electronics, Inc. (SEI) to protect the environment in all localities in which we operate. We continually strive
to improve our effect on the environment. We observe all applicable laws and regulations regarding the protection of our environment
and all requests related to the environment to which we have agreed. We are committed to the prevention of all forms of pollution.
Legacy Part Number:
How to Order
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
L
P
M
1
3
1
0
M
T
C
1
R
0
-
H
P
Dimension (mm) Code
Code
Code
Code
Code
2.5 x 2 x 1.02
J
(blank)
R12
(blank)
2.5 x 2 x 1.2
K
C
120
-HP
2.5 x 2.5 x 1.05
M
101
3.2 x 2.5 x 1.55
N
102
3.2 x 2.5 x 2
4.5 x 3.2 x 2.6
5.7 x 5 x 4.7
500
1000
2220
13" Tape
and Reel
1813
2220
1813
1310-HP
1010
1310
1008(HP)
1000μH
Choke Use
2000
30%
12μH
100μH
20%
1010
1000
LPM
Product
Series
1008
1008-HP
0.12μH
General Use
Size
Code
Inductance
1008
Description
Quantity
Size
Special
Tolerance
Description
5%
10%
Packaging
Description
7" Tape
and Reel
T
Special
Description
Description
1310
1310(HP)
Standard
High Profile



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com