Electronic Components Datasheet Search
  English  ▼

X  

MLFA1 Datasheet(PDF) 2 Page - Stackpole Electronics, Inc.

Part # MLFA1
Description  Metal Film Melf Resistor - AEC-Q200 Qualified
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEI [Stackpole Electronics, Inc.]
Direct Link  https://www.seielect.com/
Logo SEI - Stackpole Electronics, Inc.

MLFA1 Datasheet(HTML) 2 Page - Stackpole Electronics, Inc.

  MLFA1 Datasheet HTML 1Page - Stackpole Electronics, Inc. MLFA1 Datasheet HTML 2Page - Stackpole Electronics, Inc. MLFA1 Datasheet HTML 3Page - Stackpole Electronics, Inc. MLFA1 Datasheet HTML 4Page - Stackpole Electronics, Inc. MLFA1 Datasheet HTML 5Page - Stackpole Electronics, Inc. MLFA1 Datasheet HTML 6Page - Stackpole Electronics, Inc. MLFA1 Datasheet HTML 7Page - Stackpole Electronics, Inc. MLFA1 Datasheet HTML 8Page - Stackpole Electronics, Inc. MLFA1 Datasheet HTML 9Page - Stackpole Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Rev Date: 7/29/2022
2
www.seielect.com
This specification may be changed at any time without prior notice
marketing@seielect.com
Please confirm technical specifications before you order and/or use.
MLFA Series
Metal Film Melf Resistor
– AEC-Q200 Qualified
Stackpole Electronics, Inc.
Resistive Product Solutions
Performance Characteristics
5% and below
Jumper
JIS-C-5201-1 4.8
IEC-60115-1 4.8
10 Ω - 270 KΩ: ± (0.1% + 0.01 Ω)
JIS-C-5201-1 4.13
< 10 Ω & > 270 KΩ: ± (0.15% + 0.01 Ω)
IEC-60115-1 4.13
MLFA13: ± (0.15% + 0.01 Ω)
5 ppm/ºC: ± (0.05% + 0.01 Ω)
JIS-C-5201-1 4.6
IEC-60115-1 4.6
10 Ω - 270 KΩ: ± (0.25% + 0.01 Ω)
<10 Ω & > 270 KΩ: ± (0.5% + 0.01 Ω)
MLFA13: ± (0.5% + 0.01 Ω)
10 Ω - 270 KΩ: ± (0.5% + 0.01 Ω)
< 10 Ω & > 270 K Ω: ± (1% + 0.01 Ω)
MLFA13: ± (2% + 0.01 Ω)
10 Ω - 270 K Ω: ± (0.25% + 0.01 Ω)
at +125°C / +155°C for 1000 hours
< 10 Ω & > 270 KΩ: ± (1% + 0.01 Ω)
MLFA13: ± (1% + 0.01 Ω)
10 Ω - 270 KΩ: ± (0.1% + 0.01 Ω)
AEC-Q200-005
Bending once for 60 seconds with 2 mm
< 10 Ω & > 270 KΩ: ± (0.5% + 0.01 Ω)
MLFA13: ± (0.5% + 0.01 Ω)
JIS-5201-1 4.17
IEC 60115-1 4.17
245 ± 5°C for 3 seconds
J-STD 002
10 Ω - 270 KΩ: ± (0.1% + 0.01 Ω)
< 10 Ω & > 270 KΩ: ± 0.25% + 0.01 Ω)
MLFA13: ± (0.25% + 0.01 Ω)
5 ppm/ºC: ± (0.05% + 0.01 Ω)
JIS-C-5201-1 4.7
IEC 60115-1 4.7
JIS-C-5201-1 4.18
IEC-60068-2-58 8.2.1
10 Ω - 270 KΩ: ± (0.25% + 0.01 Ω)
< 10 Ω & > 270 KΩ: ± 0.5% + 0.01 Ω)
MLFA13: ± (1% + 0.01 Ω)
10-2000 Hz
ESD
AEC-Q200-002
Human body, 2 KV
± (0.5% + 0.05 Ω)
< 15 mΩ
Terminal Strength
AEC-Q200-006
Force of 1.8 Kg for 60 seconds
Board Flex
MIL-STD-202
Method 204
Vibration
Leaching
Resistance to
Soldering Heat
MIL-STD-202
Method 210
Voltage Proof
Solderability
Mechanical Shock
MIL-STD-202
Method 213
JESD22
Method JA-104
Temperature Cycling
5 g's for 20 minutes.,
12 cycles each of 3 orientations
Wave Form: Tolerance for half sine shock
pulse. 'Peak value is 100 g's. Normal
duration (D) is 6.
260 ± 5ºC for 30 seconds
260 ± 5°C for 10 seconds
-55°C to + 125°C, 1000 cycles
1.42 times max. operating voltage for 1
minute
Operating temperature range is -55°C to +155°C for all others except 5 ppm/ºC
RCWV (rated continuous working voltage) =
or max. operating voltage whichever is lower
No ignition of the tissue paper or scorching of the
pinewood board
V - 0 or V - 1 are acceptable.
Electrical test not required.
UL-94
Operating temperature range is -55°C to +125°C for 5 ppm/ºC
Storage temperature: 15 ~ 28ºC. Humidity < 80% R.H.
Flammability
< 15 mΩ
95% min. coverage
< 15 mΩ
No breakdown or flashover
< 15 mΩ
< 15 mΩ
< 15 mΩ
± (0.25% + 0.01 Ω)
Individual leaching area
≤ 5%
Total leaching area
≤ 10%
± (0.5% + 0.01 Ω)
< 15 mΩ
High Temperature
Exposure
MIL-STD-202
Method 108
< 15 mΩ
< 15 mΩ
≥10G
Operational Life
MIL-STD-202
Method 108
< 15 mΩ
5 ppm/ºC: 70 ± 2°C, RCWV for 1000 hours
with 1.5 hours "ON" and 0.5 hour "OFF"
Insulation Resistance
Max. overload voltage for 1 minute
Biased Humidity
1000 hours 85°C / 85% R.H. 10% of
operating power
Condition D Steady State TA = 125°C at
derated power. Measurement at 24 ± 4
hours after test conclusion.
MIL-STD-202
Method 103
Test
Test Method
Test Method
Test Specification
Short Time Overload
RCWV*2.5 or max. overload voltage
whichever is lower for 5 seconds
Temperature
Coefficient of
Resistance (T.C.R.)
At 25°C / - 55°C and 25°C / + 125°C, 25°C
is the reference temperature.
5ppm: At 25°C / -10°C and 25°C / +85°C,
25°C is the reference temperature
As specified
Resistance to
Solvents
Add aqueous wash chemical - OKEM clean
or equivalent. Do not use banned solvents.
No visible damage on appearance and marking.
No breakage
MIL-STD-202
Method 215
√ P*R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com