Electronic Components Datasheet Search
  English  ▼

X  

MLFA1 Datasheet(PDF) 1 Page - Stackpole Electronics, Inc.

Part # MLFA1
Description  Metal Film Melf Resistor - AEC-Q200 Qualified
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEI [Stackpole Electronics, Inc.]
Direct Link  https://www.seielect.com/
Logo SEI - Stackpole Electronics, Inc.

MLFA1 Datasheet(HTML) 1 Page - Stackpole Electronics, Inc.

  MLFA1 Datasheet HTML 1Page - Stackpole Electronics, Inc. MLFA1 Datasheet HTML 2Page - Stackpole Electronics, Inc. MLFA1 Datasheet HTML 3Page - Stackpole Electronics, Inc. MLFA1 Datasheet HTML 4Page - Stackpole Electronics, Inc. MLFA1 Datasheet HTML 5Page - Stackpole Electronics, Inc. MLFA1 Datasheet HTML 6Page - Stackpole Electronics, Inc. MLFA1 Datasheet HTML 7Page - Stackpole Electronics, Inc. MLFA1 Datasheet HTML 8Page - Stackpole Electronics, Inc. MLFA1 Datasheet HTML 9Page - Stackpole Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
Rev Date: 7/29/2022
1
www.seielect.com
This specification may be changed at any time without prior notice
marketing@seielect.com
Please confirm technical specifications before you order and/or use.
MLFA Series
Metal Film Melf Resistor
– AEC-Q200 Qualified
Stackpole Electronics, Inc.
Resistive Product Solutions
Features:
•
Thin film technology for precision and stability
•
Excellent power to size ratio
•
Outstanding pulse handling
•
Excellent overall stability
•
Sn termination on Ni barrier layer
•
Tight tolerance down to ± 0.1%
•
Extremely low TCR down to ± 5 ppm/ºC
•
High power rating up to 1W
•
SMD enabled structure
•
AEC-Q200 compliant
•
100% RoHS compliant and lead free without exemption
•
Halogen free
•
REACH compliant
Electrical Specifications
Mechanical Specifications
Maximum
Maximum
Working
Overload
Voltage
(1)
Voltage
(2)
0.1%
0.5%
1%
5%
± 50
-
± 100
Jumper: 2 A
-
± 5
10 - 332K
± 15
± 25
10 - 1M
10 - 3.4M
± 50
10 - 1M
1 - 3.4M
± 100
Jumper: 3 A
-
± 5
10 - 332K
± 15
± 25
10 - 1M
10 - 3.4M
± 50
10 - 1M
1 - 3.4M
± 100
Jumper: 5 A
-
10 - 300K
-
10 - 300K
-
0.1 - 1M
0Ω (< 15mΩ)
1 - 3.4M
0.2 - 3.4M
-
0.1 - 1M
0Ω ( 15mΩ)
(1) Working Voltage =
or Max. Operating Voltage listed above, whichever is lower.
(2) Overload Voltage = 2.5*
or Max. Overload Voltage listed above, whichever is lower.
(3) Lower TCR with lower Power Ratings may be available - contact Stackpole
RCWV (Rated Continuous Working Voltage) =
or Max Operating Voltage, whichever is lower.
MLFA1
0207
1
350
700
1 - 3.4M
0.2 - 3.4M
-
MLFA25
0204
0.4
200
400
MLFA13
(3)
0102
0.3
200
400
Type/Code
Package
Size
Power Rating
(Watts)
@ 70 ºC
TCR (ppm/ºC)
Ohmic Range (Ω) and Tolerance
1 - 1M
-
1 - 1M
0Ω (< 15mΩ)
√ P*R
√ P*R
√ P*R
0.087 ± 0.004
0.043 ± 0.004
0.043
0.018 ± 0.002
inches
2.20 ± 0.10
1.10 ± 0.10
1.10
0.45 ± 0.05
mm
0.138 ± 0.008
0.055 ± 0.006
0.055
0.031 ± 0.004
inches
3.50 ± 0.20
1.40 ± 0.15
1.40
0.80 ± 0.10
mm
0.232 ± 0.008
0.087 ± 0.008
0.087
0.051 ± 0.004
inches
5.90 ± 0.20
2.20 ± 0.20
2.20
1.30 ± 0.10
mm
80.9
MLFA1
Unit
Type/Code
L
Body Length
D
Body Diameter
K
Weight (g)
(1000 pc)
L1 (min.)
Inner Body Length
D1
Middle Body Dia.
Termination
MLFA13
7.7
MLFA25
18.7
+0/-0.006
+0/-0.15
+0/-0.008
+0/-0.2
+0/-0.008
+0/-0.2
0.043
1.10
0.067
1.70
0.114
2.90


Similar Part No. - MLFA1

ManufacturerPart #DatasheetDescription
logo
Amkor Technology
MLF AMKOR-MLF Datasheet
754Kb / 3P
Saw MLF PEL (Plated End Lead) Package
logo
Stackpole Electronics, ...
MLF SEI-MLF Datasheet
698Kb / 11P
Metal Film Melf Resistor
8/10/2022
logo
Amkor Technology
MLF AMKOR-MLF Datasheet
694Kb / 4P
Amkor’s MicroLeadFrame® package is a near CSP plastic encapsulated package with a copper leadframe substrate.
02/21
logo
TDK Electronics
MLF1005 TDK-MLF1005 Datasheet
3Mb / 23P
Inductors for Standard Circuits Multilayer Ferrite MLFseries
MLF1005 TDK-MLF1005 Datasheet
335Kb / 24P
Inductors for Standard Circuits Multilayer Ferrite
More results

Similar Description - MLFA1

ManufacturerPart #DatasheetDescription
logo
UNIOHM CORPORATION
MM-16 UNIOHM-MM-16 Datasheet
895Kb / 3P
Metal Film MELF Resistor
logo
Abracon Corporation
ABM10AIG ABRACON-ABM10AIG Datasheet
5Mb / 4P
AEC-Q200 qualified
12.09.15
logo
Taiyo Yuden (U.S.A.), I...
EMK325B7226KMHP TAIYO-YUDEN-EMK325B7226KMHP Datasheet
289Kb / 2P
AEC-Q200 qualified
EMK325BJ226MMHP TAIYO-YUDEN-EMK325BJ226MMHP Datasheet
289Kb / 2P
AEC-Q200 qualified
LMK212B7475KGHT TAIYO-YUDEN-LMK212B7475KGHT Datasheet
331Kb / 2P
AEC-Q200 qualified
LMK325BJ226KMHP TAIYO-YUDEN-LMK325BJ226KMHP Datasheet
288Kb / 2P
AEC-Q200 qualified
LMK325BJ476MMHP TAIYO-YUDEN-LMK325BJ476MMHP Datasheet
288Kb / 2P
AEC-Q200 qualified
HMJ107AB7222MAHT TAIYO-YUDEN-HMJ107AB7222MAHT Datasheet
286Kb / 2P
AEC-Q200 qualified
logo
YAGEO Corporation
AT0402BRD07 YAGEO-AT0402BRD07 Datasheet
653Kb / 9P
AEC-Q200 qualified
logo
Vishay Siliconix
PHPA VISHAY-PHPA Datasheet
123Kb / 5P
High Power Thin Film Wraparound Chip Resistor AEC-Q200 Qualified
27-May-2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com