Electronic Components Datasheet Search
  English  ▼

X  

L99ASC03G Datasheet(PDF) 1 Page - STMicroelectronics

Part # L99ASC03G
Description  Brushless / sensorless 3-phase motor pre-driver for automotive applications
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99ASC03G Datasheet(HTML) 1 Page - STMicroelectronics

  L99ASC03G Datasheet HTML 1Page - STMicroelectronics L99ASC03G Datasheet HTML 2Page - STMicroelectronics L99ASC03G Datasheet HTML 3Page - STMicroelectronics L99ASC03G Datasheet HTML 4Page - STMicroelectronics L99ASC03G Datasheet HTML 5Page - STMicroelectronics L99ASC03G Datasheet HTML 6Page - STMicroelectronics L99ASC03G Datasheet HTML 7Page - STMicroelectronics L99ASC03G Datasheet HTML 8Page - STMicroelectronics L99ASC03G Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 70 page
background image
This is information on a product in full production.
July 2016
DocID029080 Rev 2
1/70
L99ASC03G
Brushless / sensorless 3-phase motor pre-driver for automotive
applications
Datasheet
- production data
Features
 AEC-Q100 qualified
 5 V low-drop voltage regulator (200 mA
continuous mode)
 Very low current consumption in standby mode
(typ. 15 µA)
 ST SPI interface for control and diagnostics
 Window watchdog and fail-safe functionality
 Two separate power supply pins
 Three half-bridge drivers to control external
MOSFETs (configurable by SPI)
 Full drive of external MOSFETs down to 6 V
input voltage
 Input pin for each gate driver (with cross-
current protection)
 Two-stage charge pump supporting 100% duty
cycle
 PWM operation up to 80 kHz (not restricted)
 Current-sense amplifier (configurable by SPI)
 Disable input to turn off gate driver outputs
 Analog multiplexer output to monitor external
power supply voltages and internal junction
temperature
 Advanced BEMF detection IP
 Overcurrent protection (programmable)
 Drain-source monitoring and open-load
detection
 TQFP48 7x7x1mm with Exposed Pad
(4.5 x 4.5 mm) package
Applications
Mechatronic three-phase motor application such
as engine cooling fans, fuel pumps, water pumps,
oil pumps
Description
The L99ASC03G is a multifunctional system IC
designed for three-phase motor control
applications.
The device features a voltage regulator to supply
an external microcontroller and an operation
amplifier for motor current sensing. It is designed
to control six external N-channel MOSFETs in
bridge configuration to drive three-phase motors
in automotive applications. All gate driver outputs
are controlled by separate inputs.
The integrated Serial Peripheral Interface (SPI)
makes it possible to adjust device parameters,
control all operating modes and read out
diagnostic information.
TQFP48-EP
Table 1. Device summary
Package
Order codes
Tube
Tape and real
TQFP48-EP
L99ASC03G
L99ASC03GTR
www.st.com


Similar Part No. - L99ASC03G

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L99ASC03 STMICROELECTRONICS-L99ASC03 Datasheet
1Mb / 22P
for car body applications
Oct-2013
L99ASC03 STMICROELECTRONICS-L99ASC03 Datasheet
1Mb / 73P
Brushless / sensorless 3-phase motor pre-driver for automotive applications
06-Aug-2015
L99ASC03TR STMICROELECTRONICS-L99ASC03TR Datasheet
1Mb / 73P
Brushless / sensorless 3-phase motor pre-driver for automotive applications
06-Aug-2015
More results

Similar Description - L99ASC03G

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LB1673M SANYO-LB1673M Datasheet
98Kb / 4P
3-Phase Brushless, Sensorless Motor Driver?
LB1950V SANYO-LB1950V Datasheet
190Kb / 9P
Three-Phase Brushless Sensorless Motor Driver
logo
Rohm
BD63000MUV ROHM-BD63000MUV Datasheet
619Kb / 17P
3-phase brushless motor pre-driver
logo
Microchip Technology
MTD6505 MICROCHIP-MTD6505_14 Datasheet
1Mb / 22P
3-Phase Sinusoidal Sensorless Brushless Motor Driver
03/25/14
MCP8063 MICROCHIP-MCP8063 Datasheet
392Kb / 20P
3-Phase Brushless Sinusoidal Sensorless Motor Driver
03/25/14
logo
Rohm
BD63002MUV ROHM-BD63002MUV Datasheet
982Kb / 24P
3-phase brushless motor pre-driver
logo
Asahi Kasei Microsystem...
AP1050 AKM-AP1050 Datasheet
231Kb / 4P
Pre-Driver IC for 3-Phase Brushless Motor
logo
Feeling Technology Corp...
FD036KT FEELING-FD036KT Datasheet
148Kb / 11P
Sensorless 3-phase brushless DC Motor driver
logo
Rohm
BD63002AMUV ROHM-BD63002AMUV Datasheet
2Mb / 26P
3-Phase Brushless Motor Pre-driver
BD63030EKV-C ROHM-BD63030EKV-C Datasheet
4Mb / 47P
3-Phase Brushless Motor Pre-driver for Automotive
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com