Electronic Components Datasheet Search
  English  ▼

X  

L99ASC03G Datasheet(PDF) 10 Page - STMicroelectronics

Part # L99ASC03G
Description  Brushless / sensorless 3-phase motor pre-driver for automotive applications
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99ASC03G Datasheet(HTML) 10 Page - STMicroelectronics

Back Button L99ASC03G Datasheet HTML 6Page - STMicroelectronics L99ASC03G Datasheet HTML 7Page - STMicroelectronics L99ASC03G Datasheet HTML 8Page - STMicroelectronics L99ASC03G Datasheet HTML 9Page - STMicroelectronics L99ASC03G Datasheet HTML 10Page - STMicroelectronics L99ASC03G Datasheet HTML 11Page - STMicroelectronics L99ASC03G Datasheet HTML 12Page - STMicroelectronics L99ASC03G Datasheet HTML 13Page - STMicroelectronics L99ASC03G Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 70 page
background image
Device description
L99ASC03G
10/70
DocID029080 Rev 2
2
Device description
2.1
Supply pins (VS, VSREG, VSMS)
The device has three different supply input pins. VS and VSREG have to be protected against
negative voltages, while VSMS is robust against negative voltages.
The two-stage charge pump is supplied from VS. External capacitors are used to achieve
high current capability of the charge pump. The gate drivers (for both high-side and low-side
MOSFETs) are supplied from the charge pump to ensure full drive of the external
MOSFETs.
The internal power-on reset (POR) circuitry and the VDD voltage regulator are supplied from
the VSREG pin. Some external protection has to be provided in the application for VS and
VSREG to prevent the capacitor connected to these pins from being discharged by negative
transients or low input voltage.
VSMS is used to monitor the power supply of the external MOSFETs and as a reference for
the BEMF detection.
2.1.1
VS, VSREG and VSMS overvoltage warning
In case any of the supply inputs reach the overvoltage warning threshold, the corresponding
overvoltage warning flag is set. This flag can be cleared by an SPI “Read & Clear” command
provided that the cause of the warning is no longer present.
2.1.2
VS, VSREG and VSMS overvoltage
In case any of the supply inputs reach the overvoltage threshold, the corresponding
overvoltage flag is set. This flag can be cleared by an SPI “Read & Clear” command
provided that the cause of the overvoltage is no longer present.
In case of VS and VSMS overvoltage, the gate drivers are disabled, along with other
functions (for further details see Table 5). VSREG overvoltage is used only for information.
2.1.3
VS, VSREG and VSMS undervoltage
In case any of the supply inputs reach the undervoltage threshold, the corresponding
undervoltage flag is set. This flag can be cleared by an SPI “Read & Clear” command
provided that the cause of the undervoltage is no longer present.
The Vs, VSMS and VSREG undervoltage flags are used only for information.
2.2
VDD (5V) voltage regulator
The device integrates a fully protected low-drop voltage regulator, which is designed for very
fast transient response.
The voltage regulator provides a 5 V output and a continuous load current up to 200 mA to
supply external devices (e.g.an external microcontroller). In addition, this regulator powers
the internal 5 V loads such as the I/O pins and the current-sense amplifier (CSA). The
voltage regulator is protected against overload and overtemperature. The output voltage is



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com