Electronic Components Datasheet Search
  English  ▼

X  

CJ-CF016 Datasheet(PDF) 16 Page - List of Unclassifed Manufacturers

Part # CJ-CF016
Description  2 auto switches can be mounted on a cylinder, even with the ø4 bore size (5 mm stroke).
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

CJ-CF016 Datasheet(HTML) 16 Page - List of Unclassifed Manufacturers

Back Button CJ-CF016 Datasheet HTML 12Page - List of Unclassifed Manufacturers CJ-CF016 Datasheet HTML 13Page - List of Unclassifed Manufacturers CJ-CF016 Datasheet HTML 14Page - List of Unclassifed Manufacturers CJ-CF016 Datasheet HTML 15Page - List of Unclassifed Manufacturers CJ-CF016 Datasheet HTML 16Page - List of Unclassifed Manufacturers CJ-CF016 Datasheet HTML 17Page - List of Unclassifed Manufacturers CJ-CF016 Datasheet HTML 18Page - List of Unclassifed Manufacturers CJ-CF016 Datasheet HTML 19Page - List of Unclassifed Manufacturers CJ-CF016 Datasheet HTML 20Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 32 page
background image
14
When driving an inertial load, operate the cylinder with a kinetic energy within the allowable value. The range in
the chart below that is shown by bold solid lines indicates the relation between load weights and maximum dri-
ving speeds.
Caution
Allowable Kinetic Energy
Strictly observe the limiting range of lateral load on the piston rod. (Refer to the below graph.) If this product is
used beyond the limits, it may shorten the machine life or cause damage.
Allowable Lateral Load
4
0.5 x 10-3
6
3 x 10-3
10
8 x 10-3
15
19 x 10-3
Bore size (mm)
0.05 to 0.5
Piston speed (m/s)
Allowable kinetic energy (J)
0.001
100
Maximum speed V (mm/s)
0.010
0.100
1.000
10.000
ø4
ø15
ø10
ø6
Stroke ST (mm)
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
10
15
5
ø4
ø6
ø15
ø10
Series
CJP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com